Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9602FSA Datasheet(PDF) 10 Page - Sames

Part # SA9602FSA
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9602FSA Datasheet(HTML) 10 Page - Sames

Back Button SA9602FSA Datasheet HTML 6Page - Sames SA9602FSA Datasheet HTML 7Page - Sames SA9602FSA Datasheet HTML 8Page - Sames SA9602FSA Datasheet HTML 9Page - Sames SA9602FSA Datasheet HTML 10Page - Sames SA9602FSA Datasheet HTML 11Page - Sames SA9602FSA Datasheet HTML 12Page - Sames SA9602FSA Datasheet HTML 13Page - Sames SA9602FSA Datasheet HTML 14Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SA9602F/SA9602J
10/14
sames
Parts List for Application Circuit: Figure 1
Item
Symbol
Description
Detail
1
IC-1
SA9602F or SA9602J
DIP-14
2
IC-2
Optocoupler 4N35
DIP-6
3
D1
Diode, Silicon, 1N4148
4
D2
Diode, Silicon, 1N4148
5
ZD1
Diode, Zener, 2.4V, 200mW
6
ZD2
Diode, Zener, 2.4V, 200mW
7
XTAL
Crystal, 3.5795MHz
Colour burst TV
8
R1
Resistor, 1% metal
Note 1
9
R2
Resistor, 1% metal
Note 1
10
R3
Resistor, 390k, (230VAC) 1%, metal
11
R4
Resistor, 1M, 1/4W, 1%, metal
12
R5
Resistor, 470
Ω, 2W, 5%, carbon
13
R6
Resistor, 24k, 1/4W, 1%, metal
14
R7
Resistor, 24k, 1/4W, 1%, metal
15
R8
Resistor, 680
Ω, 1/4W, 1%
16
R9
Resistor, 680
Ω, 1/4W, 1%
17
R10
Resistor, 680
Ω, 1/4W, 1%
18
R11
Resistor, 2.2K, 1/4W, 1%
19
C9
Capacitor, 100nF
20
C10
Capacitor, 100nF
21
C11
Capacitor, 0.47µF, 250VAC, polyester
22
C13
Capacitor, 100µF
23
C14
Capacitor, 100µF
24
C15
Capacitor, 820nF
Note 2
25
RSH
Shunt Resistor
Note 3
26
LED
Light Emitting Diode
Note 1: Resistor (R1 and R2) values are dependant upon the selected value of RSH.
Note 2: Capacitor (C15) to be positioned as close to Supply Pins (V
DD & VSS) of IC-1 as
possible.
Note 3: See TYPICAL APPLICATIONS when selecting the value of RSH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com