Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9603C Datasheet(PDF) 14 Page - Sames

Part # SA9603C
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9603C Datasheet(HTML) 14 Page - Sames

Back Button SA9603C Datasheet HTML 10Page - Sames SA9603C Datasheet HTML 11Page - Sames SA9603C Datasheet HTML 12Page - Sames SA9603C Datasheet HTML 13Page - Sames SA9603C Datasheet HTML 14Page - Sames SA9603C Datasheet HTML 15Page - Sames SA9603C Datasheet HTML 16Page - Sames SA9603C Datasheet HTML 17Page - Sames SA9603C Datasheet HTML 18Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
SA9603C
sames
14/18
Part List for Application Circuit: Figure 1
Item
Symbol
Description
Detail
1
IC-1
SA9603C
DIP-20/SOIC-20
2
IC-2
Opto Coupler 4N35
DIP-6
3
IC-3
Opto Coupler 4N35
DIP-6
4
D1
Diode, Silicon, 1N4148
5
D2
Diode, Silicon, 1N4148
6
D3
Diode, Silicon, 1N4148
7
ZD1
Diode, Zener, 2.4V, 200mW
8
ZD2
Diode, Zener, 2.4V, 200mW
9
XTAL
Crystal, 3.5795MHz
Colour burst TV
10
R1
Resistor, 1% metal
Note 1
11
R2
Resistor, 1% metal
Note 1
12
R3
Resistor, 390k, (230VAC), 1% metal
13
R4
Resistor, 1M, 1/4W, 1% metal
14
R5
Resitor, 470
Ω, 2W, 5%, carbon
15
R6
Resistor, 24k, 1/4W, 1%, metal
16
R7
Resistor, 24k, 1/4W, 1%, metal
17
R8
Resistor, 680
Ω, 1/4W, 5%
18
R9
Resistor, 680
Ω, 1/4W, 5%
19
R10
Resistor, 680
Ω, 1/4W, 5%
20
R11
Resistor, 100k, 1/4W, 5%
21
R12
Resistor, 120
Ω, 1/4W, 5%
22
R13
Resistor, 1/4W, 5%, 47k
23
R14
Resistor, 1/4W, 5%, 1.6k
24
R15
Resistor, 120
Ω, 1/4W, 5%
25
C9
Capacitor, 100nF
26
C10
Capacitor, 100nF
27
C11
Capacitor, 0.47µF, 250VAC, polyester
28
C12
Capacitor, 100nF
29
C13
Capacitor, 100µF
30
C14
Capacitor, 100µF
31
C15
Capacitor, 820nF
32
RSH
Shunt Resistor
Note 2
Note 1: Resistor (R1 and R2) values are dependant upon the selected value of RSH.
Note 2: See TYPICAL APPLICATIONS when selecting the value for RSH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com