Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0359780310 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0359780310
Description  3.96mm (.156") Pitch Wire-to-Board Header, Vertical, Low Profile, 3 Circuits, Natural,
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0359780310 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0359780310 Datasheet HTML 1Page - Molex Electronics Ltd. 0359780310 Datasheet HTML 2Page - Molex Electronics Ltd. 0359780310 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0359780310
Status:
Active
Description:
3.96mm (.156") Pitch Wire-to-Board Header, Vertical, Low Profile, 3 Circuits, Natural,
Nylon
Documents:
3D Model
Product Specification PS-35978-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72090224
UL
E29179
General
Product Family
PCB Headers
Series
35978
Application
Wire-to-Board
MolexKits
Yes
Product Name
MV-396™
Physical
Breakaway
No
Circuits (Loaded)
3
Circuits (maximum)
3
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin-Lead
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.146 In
PC Tail Length (mm)
3.70 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.156 In
Pitch - Mating Interface (mm)
3.96 mm
Pitch - Term. Interface (in)
0.156 In
Pitch - Term. Interface (mm)
3.96 mm
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-25°C to +85°C
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35978Series
Mates With
35977 Wire-to-Board Housing


Similar Part No. - 0359780310

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0359780312 MOLEX5-0359780312 Datasheet
110Kb / 3P
3.96mm (.156") Pitch Wire-to-Board Header, Vertical, Low Profile, 3 Circuits, Red, Nylon
More results

Similar Description - 0359780310

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0359780810 MOLEX5-0359780810 Datasheet
110Kb / 3P
3.96mm (.156") Pitch Wire-to-Board Header, Vertical, Low Profile, 8 Circuits, Natural,
0359780530 MOLEX5-0359780530 Datasheet
110Kb / 3P
3.96mm (.156") Pitch Wire-to-Board Header, Vertical, Low Profile, 5 Circuits, Natural, Polyester Alloy
0359780630 MOLEX5-0359780630 Datasheet
110Kb / 3P
3.96mm (.156") Pitch Wire-to-Board Header, Vertical, Low Profile, 6 Circuits, Natural, Polyester Alloy
0359780312 MOLEX5-0359780312 Datasheet
110Kb / 3P
3.96mm (.156") Pitch Wire-to-Board Header, Vertical, Low Profile, 3 Circuits, Red, Nylon
0359781430 MOLEX5-0359781430 Datasheet
110Kb / 3P
3.96mm (.156") Pitch Wire-to-Board Header, Vertical, Low Profile, 14 Circuits, Natural, Polyester Alloy
0359780270 MOLEX5-0359780270 Datasheet
111Kb / 3P
3.96mm (.156") Pitch Wire-to-Board Header, Vertical, Low Profile, 3 Circuits
0359781210 MOLEX5-0359781210 Datasheet
110Kb / 3P
3.96mm (.156") Pitch Wire-to-Board Header, Vertical, Low Profile, 12 Circuits
0359780330 MOLEX5-0359780330 Datasheet
110Kb / 3P
3.96mm (.156") Pitch Wire-to-Board Header, Vertical, Low Profile, 3 Circuits
0359780370 MOLEX5-0359780370 Datasheet
111Kb / 3P
3.96mm (.156") Pitch Wire-to-Board Header, Vertical, Low Profile, 9 Circuits
0359780930 MOLEX5-0359780930 Datasheet
110Kb / 3P
3.96mm (.156") Pitch Wire-to-Board Header, Vertical, Low Profile, 9 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com