Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9605APA Datasheet(PDF) 2 Page - Sames

Part # SA9605APA
Description  THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9605APA Datasheet(HTML) 2 Page - Sames

  SA9605APA Datasheet HTML 1Page - Sames SA9605APA Datasheet HTML 2Page - Sames SA9605APA Datasheet HTML 3Page - Sames SA9605APA Datasheet HTML 4Page - Sames SA9605APA Datasheet HTML 5Page - Sames SA9605APA Datasheet HTML 6Page - Sames SA9605APA Datasheet HTML 7Page - Sames SA9605APA Datasheet HTML 8Page - Sames SA9605APA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SA9605A
sames
2/14
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS *
Parameter
Symbol
Min
Max
Unit
Supply Voltage
V
DD-VSS
-0.3
6.0
V
Current on any Pin
I
PIN
-150
+150
mA
Storage Temperature
T
STG
-40
+125
°C
Operating Temperature
T
O
-40
+85
°C
Current at any pin
I
P
-100
+100
mA
* Stresses above those listed under "Absolute Maximum Ratings" may cause permanent
damage to the device. This is a stress rating only. Functional operation of the device
at these or any other conditions above those indicated in the operation sections of this
specification, is not implied. Exposure to Absolute Maximum Ratings for extended
periods may affect device reliability.
TIMING & CONTROL
IIP3
REF
VREF
GND
IIN3
DR-01110
ANALOG
SIGNAL
PRO-
CESSING
IVN3
IIP2
IIN2
IIP1
IIN1
IVN1
IVN2
INTEG.
&
AVERAGE
OSC
OSC1
OSC2
PGM1
POWER
TO
PULSE
RATE
PGM0
SS
V
VDD
FOUT2
FOUT1
DIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com