Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM-B2400-R483 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # MM-B2400-R483
Description  2.54mm (.100") Pitch DIN 41612 Receptacle, R/2 Style, Right Angle, Through Hole, 32 Circuits,
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

MM-B2400-R483 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  MM-B2400-R483 Datasheet HTML 1Page - Molex Electronics Ltd. MM-B2400-R483 Datasheet HTML 2Page - Molex Electronics Ltd. MM-B2400-R483 Datasheet HTML 3Page - Molex Electronics Ltd. MM-B2400-R483 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0365100025
Status:
Active
Overview:
din_41612
Description:
2.54mm (.100") Pitch DIN 41612 Receptacle, R/2 Style, Right Angle, Through Hole, 32
Circuits, 1.10µm (43µ") Gold (Au) Selective, Lead-Free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-36509-001 (PDF)
General
Product Family
Backplane Connectors
Series
36510
Application
Backplane
Comments
No Mounting Clip. No Sealing Strip
Component Type
PCB Receptacle
Overview
din_41612
Product Name
IEC 603-2/DIN 41612
Style
R/2
Physical
Circuits (Loaded)
32
Circuits (maximum)
32
Circuits Detail
1,2,3,...16; a+c
Color - Resin
Gray
Durability (mating cycles max)
500
Keying to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Nickel
Material - Resin
Polyester
Number of Columns
16
Number of Pairs
Open Pin Field
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.118 In
PC Tail Length (mm)
3.00 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
43
Plating min: Mating (µm)
1.10
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
36510Series
Mates With
36512


Similar Part No. - MM-B2400-R483

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
MM-B2400-R910 MOLEX5-MM-B2400-R910 Datasheet
192Kb / 4P
2.54mm (.100") Pitch DIN 41612 Receptacle, Right Angle, Through Hole, 96 Circuits
MM-B2400-R963 MOLEX5-MM-B2400-R963 Datasheet
201Kb / 4P
2.54mm (.100") Pitch DIN 41612 Receptacle, Right Angle, Through Hole, with 64 Contacts Loaded, 1.27關m (50關") Gold (Au) Selective, Lead-Free
More results

Similar Description - MM-B2400-R483

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850520622 MOLEX9-0850520622 Datasheet
193Kb / 4P
2.54mm (.100") Pitch DIN 41612 Receptacle, Style R/2 Reverse, 32 Circuits
0850132000 MOLEX9-0850132000 Datasheet
125Kb / 5P
2.54mm (.100") Pitch DIN 41612 Header, Style R/2 Reverse, 32 Circuits
0850520842 MOLEX9-0850520842 Datasheet
193Kb / 4P
2.54mm (.100") Pitch DIN 41612 Receptacle, Style R/2 Reverse, 32 Circuits
0850426103 MOLEX9-0850426103 Datasheet
138Kb / 4P
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C/2, 32 Circuits
0850520696 MOLEX9-0850520696 Datasheet
136Kb / 4P
2.54mm (.100) Pitch DIN 41612 Receptacle, Style R Reverse, 32 Circuits
0850520206 MOLEX9-0850520206 Datasheet
136Kb / 4P
2.54mm (.100) Pitch DIN 41612 Receptacle, Style R Reverse, 32 Circuits
0850520658 MOLEX9-0850520658 Datasheet
136Kb / 4P
2.54mm (.100) Pitch DIN 41612 Receptacle, Style R Reverse, 32 Circuits
0850420048 MOLEX9-0850420048 Datasheet
354Kb / 5P
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C/2, 32 Circuits
0850420074 MOLEX9-0850420074 Datasheet
150Kb / 4P
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C/2, 32 Circuits
0850010464 MOLEX9-0850010464 Datasheet
106Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style B/2, Right Angle , Through Hole , 32 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com