Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM-B2400-R910 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # MM-B2400-R910
Description  2.54mm (.100") Pitch DIN 41612 Receptacle, Right Angle, Through Hole, 96 Circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

MM-B2400-R910 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  MM-B2400-R910 Datasheet HTML 1Page - Molex Electronics Ltd. MM-B2400-R910 Datasheet HTML 2Page - Molex Electronics Ltd. MM-B2400-R910 Datasheet HTML 3Page - Molex Electronics Ltd. MM-B2400-R910 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0365090007
Status:
Active
Overview:
din_41612
Description:
2.54mm (.100") Pitch DIN 41612 Receptacle, Right Angle, Through Hole, 96 Circuits,
1.27µm (50µ") Gold (Au) Selective, with Mounting Clip, Lead-Free
Documents:
3D Model
Product Specification PS-36509-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Backplane Connectors
Series
36509
Application
Backplane
Comments
"R" at style represents Right Angle Female DIN
Connector
Component Type
PCB Receptacle
Overview
din_41612
Product Name
IEC 603-2/DIN 41612
Style
R
Physical
Circuits (Loaded)
96
Circuits (maximum)
96
Circuits Detail
Rows A, B, & C
Durability (mating cycles max)
500
Keying to Mating Part
Yes
Number of Columns
32
Number of Pairs
Open Pin Field
Number of Rows
3
Orientation
Right Angle
PC Tail Length (in)
0.118 In
PC Tail Length (mm)
3.00 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In, 0.125 In
PCB Thickness Recommended (mm)
1.60 mm, 3.20 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Polarized to PCB
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Data Rate
622.0 Mbps
Voltage - Maximum
250V AC (RMS)
Material Info
Reference - Drawing Numbers
Product Specification
PS-36509-001
Sales Drawing
SD-36509-001
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
36509Series
Mates With
36502 Right Angle Header, 36511 Vertical
Header


Similar Part No. - MM-B2400-R910

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
MM-B2400-R963 MOLEX5-MM-B2400-R963 Datasheet
201Kb / 4P
2.54mm (.100") Pitch DIN 41612 Receptacle, Right Angle, Through Hole, with 64 Contacts Loaded, 1.27關m (50關") Gold (Au) Selective, Lead-Free
More results

Similar Description - MM-B2400-R910

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0365090009 MOLEX5-0365090009 Datasheet
202Kb / 4P
2.54mm (.100") Pitch DIN 41612 Receptacle, Right Angle, Through Hole, 96 Circuits
0365090002 MOLEX5-0365090002 Datasheet
203Kb / 4P
2.54mm (.100") Pitch DIN 41612 Receptacle, Right Angle, Through Hole, 96 Circuits
0850420282 MOLEX9-0850420282 Datasheet
136Kb / 4P
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C, 96 Circuits
0850426050 MOLEX9-0850426050 Datasheet
197Kb / 4P
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C, 96 Circuits
0850421304 MOLEX9-0850421304 Datasheet
233Kb / 4P
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C, 96 Circuits
0850423548 MOLEX9-0850423548 Datasheet
129Kb / 4P
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C, 96 Circuits
0850420294 MOLEX9-0850420294 Datasheet
204Kb / 4P
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
0850426062 MOLEX9-0850426062 Datasheet
344Kb / 6P
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
0850420385 MOLEX9-0850420385 Datasheet
233Kb / 4P
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C, 96 Circuits
0850421043 MOLEX9-0850421043 Datasheet
233Kb / 4P
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C, 96 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com