Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM-B2500-R910-101 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # MM-B2500-R910-101
Description  2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60關m (24關") Selective Gold (Au) Plating, 96 Circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

MM-B2500-R910-101 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  MM-B2500-R910-101 Datasheet HTML 1Page - Molex Electronics Ltd. MM-B2500-R910-101 Datasheet HTML 2Page - Molex Electronics Ltd. MM-B2500-R910-101 Datasheet HTML 3Page - Molex Electronics Ltd. MM-B2500-R910-101 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0365090020
Status:
Active
Overview:
din_41612
Description:
2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through
Hole, 0.60µm (24µ") Selective Gold (Au) Plating, 96 Circuits, with Mounting Clips and
Sealing Strip
Documents:
3D Model
Product Specification PS-36509-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Backplane Connectors
Series
36509
Application
Daughtercard
Comments
With Mounting Clips and Sealing Strip
Component Type
PCB Receptacle
Overview
din_41612
Product Name
IEC 603-2/DIN 41612
Style
R
Physical
Circuits (Loaded)
96
Circuits (maximum)
96
Circuits Detail
1,2,3,...32; a+b+c
Color - Resin
Gray
Durability (mating cycles max)
400
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Columns
32
Number of Pairs
Open Pin Field
Number of Rows
3
Orientation
Right Angle
PC Tail Length (in)
0.118 In
PC Tail Length (mm)
3.00 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Carton
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
24
Plating min: Mating (µm)
0.60
Plating min: Termination (µin)
98
Plating min: Termination (µm)
2.5
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
No
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
36509Series


Similar Part No. - MM-B2500-R910-101

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
MM-B2500-R913 MOLEX5-MM-B2500-R913 Datasheet
200Kb / 4P
2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60關m (24關") Selective Gold (Au) Plating, 64 Circuits
MM-B2500-R913-101 MOLEX5-MM-B2500-R913-101 Datasheet
193Kb / 4P
2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60關m (24關") Selective Gold (Au) Plating, 64 Circuits
More results

Similar Description - MM-B2500-R910-101

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0365090032 MOLEX5-0365090032 Datasheet
200Kb / 4P
2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60關m (24關") Selective Gold (Au) Plating, 64 Circuits
0365090038 MOLEX5-0365090038 Datasheet
193Kb / 4P
2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60關m (24關") Selective Gold (Au) Plating, 64 Circuits
0365090074 MOLEX5-0365090074 Datasheet
204Kb / 4P
2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60關m (24關") Selective Gold (Au) Plating, 64 Circuits
0365000026 MOLEX5-0365000026 Datasheet
220Kb / 4P
2.54mm (.100") Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.60關m (24關") Selective Gold (Au) Plating, 96 Circuits
0365090044 MOLEX5-0365090044 Datasheet
193Kb / 4P
2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60關m (24關") Selective Gold (Au) Plating, 64 Circuits
0365090008 MOLEX5-0365090008 Datasheet
202Kb / 4P
2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60關m (24關") Selective Gold (Au) Plating, 96 Circuits
0365000032 MOLEX5-0365000032 Datasheet
217Kb / 4P
2.54mm (.100") Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.60關m (24關") Selective Gold (Au) Plating, 96 Circuits
0365000008 MOLEX5-0365000008 Datasheet
220Kb / 4P
2.54mm (.100") Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.60關m (24關") Selective Gold (Au) Plating, 96 Circuits
0365000002 MOLEX5-0365000002 Datasheet
220Kb / 4P
2.54mm (.100") Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.60關m (24關") Selective Gold (Au) Plating, 96 Circuits
0850033378 MOLEX9-0850033378 Datasheet
73Kb / 3P
2.54mm (.100") Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.60關m (24關") Selective Gold (Au) Plating, 96 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com