Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM-B1563-R963 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # MM-B1563-R963
Description  2.54mm (.100") Pitch DIN 41612 R Style Male Header with Wire-Wrap, Vertical, Through Hole Press-Fit, 0.60關m (24關") Selective Gold (Au) Plating, 64 Circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

MM-B1563-R963 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  MM-B1563-R963 Datasheet HTML 1Page - Molex Electronics Ltd. MM-B1563-R963 Datasheet HTML 2Page - Molex Electronics Ltd. MM-B1563-R963 Datasheet HTML 3Page - Molex Electronics Ltd. MM-B1563-R963 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0365150194
Status:
Active
Overview:
din_41612
Description:
2.54mm (.100") Pitch DIN 41612 R Style Male Header with Wire-Wrap, Vertical,
Through Hole Press-Fit, 0.60µm (24µ") Selective Gold (Au) Plating, 64 Circuits, without
Mounting Clips, No First-Mate-Last-Break, Soldertail Length 4.00mm(.157"), Lead Free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-36515-001 (PDF)
General
Product Family
Backplane Connectors
Series
36515
Application
Backplane
Comments
No Mounting Clips, Secured with Tubular Rivets/
Cheesehead Screws. No First-Mate-Last-Break
Component Type
PCB Header
Overview
din_41612
Product Name
IEC 603-2/DIN 41612
Style
R
Physical
Circuits (Loaded)
64
Circuits (maximum)
64
Circuits Detail
1,2,3,...32; a+c
Color - Resin
Gray
Durability (mating cycles max)
400
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Nickel
Material - Resin
Polyester
Number of Columns
32
Number of Pairs
Open Pin Field
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.157 In
PC Tail Length (mm)
4.00 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Carton
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
24
Plating min: Mating (µm)
0.60
Plating min: Termination (µin)
49
Plating min: Termination (µm)
1.25
Polarized to PCB
No
Stackable
No
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
36515Series


Similar Part No. - MM-B1563-R963

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
MM-B1566-R963 MOLEX5-MM-B1566-R963 Datasheet
203Kb / 4P
2.54mm (.100") Pitch DIN 41612 R Style Male Header with Wire-Wrap, Vertical, Through Hole Press-Fit, 0.60關m (24關") Selective Gold (Au) Plating, 64 Circuits
More results

Similar Description - MM-B1563-R963

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0365150497 MOLEX5-0365150497 Datasheet
180Kb / 4P
2.54mm (.100") Pitch DIN 41612 R Style Male Header with Wire-Wrap, Vertical, Through Hole Press-Fit, 0.60關m (24u")
0365150002 MOLEX5-0365150002 Datasheet
211Kb / 4P
2.54mm (.100") Pitch DIN 41612 R Style Male Header with Wire-Wrap, Vertical, Through Hole Press-Fit, 0.60關m (24關") Selective Gold (Au) Plating, 96 Circuits
0365150489 MOLEX5-0365150489 Datasheet
176Kb / 4P
2.54mm (.100") Pitch DIN 41612 R Style Male Header with Wire-Wrap, Vertical, Through Hole Press-Fit, 0.60關m (24關") Selective Gold (Au) Plating, 64 Circuits
0365150146 MOLEX5-0365150146 Datasheet
198Kb / 4P
2.54mm (.100") Pitch DIN 41612 R Style Male Header with Wire-Wrap, Vertical, Through Hole Press-Fit, 0.60關m (24關") Selective Gold (Au) Plating, 64 Circuits
0365150050 MOLEX5-0365150050 Datasheet
211Kb / 4P
2.54mm (.100") Pitch DIN 41612 R Style Male Header with Wire-Wrap, Vertical, Through Hole Press-Fit, 0.60關m (24關") Selective Gold (Au) Plating, 96 Circuits
0365150128 MOLEX5-0365150128 Datasheet
201Kb / 4P
2.54mm (.100") Pitch DIN 41612 R Style Male Header with Wire-Wrap, Vertical, Through Hole Press-Fit, 0.60關m (24關") Selective Gold (Au) Plating, 96 Circuits
0365150459 MOLEX5-0365150459 Datasheet
185Kb / 4P
2.54mm (.100") Pitch DIN 41612 R Style Male Header with Wire-Wrap, Vertical, Through Hole Press-Fit, 0.60關m (24關") Selective Gold (Au) Plating, 96 Circuits
0365150488 MOLEX5-0365150488 Datasheet
182Kb / 4P
2.54mm (.100") Pitch DIN 41612 R Style Male Header with Wire-Wrap, Vertical, Through Hole Press-Fit, 0.60關m (24關") Selective Gold (Au) Plating, 64 Circuits
0365150242 MOLEX5-0365150242 Datasheet
203Kb / 4P
2.54mm (.100") Pitch DIN 41612 R Style Male Header with Wire-Wrap, Vertical, Through Hole Press-Fit, 0.60關m (24關") Selective Gold (Au) Plating, 64 Circuits
0365150015 MOLEX5-0365150015 Datasheet
203Kb / 4P
2.54mm (.100") Pitch DIN 41612 R Style Male Header with Wire-Wrap, Vertical, Through Hole Press-Fit, 0.30關m (12關") Selective Gold (Au) Plating, 96 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com