Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM-B1540-R63-263 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # MM-B1540-R63-263
Description  2.54mm (.100") Pitch DIN 41612 Header, Style R, Male, Vertical, Through Hole, 0.6關m (24關") Selective Gold (Au), PC Tail Length 13.00mm (.512"), 64 Circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

MM-B1540-R63-263 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  MM-B1540-R63-263 Datasheet HTML 1Page - Molex Electronics Ltd. MM-B1540-R63-263 Datasheet HTML 2Page - Molex Electronics Ltd. MM-B1540-R63-263 Datasheet HTML 3Page - Molex Electronics Ltd. MM-B1540-R63-263 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0367180079
Status:
Active
Overview:
din_41612
Description:
2.54mm (.100") Pitch DIN 41612 Header, Style R, Male, Vertical, Through Hole, 0.6µm
(24µ") Selective Gold (Au), PC Tail Length 13.00mm (.512"), 64 Circuits, Lead free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-36511-001 (PDF)
General
Product Family
Backplane Connectors
Series
36718
Application
Daughtercard
Comments
No Mounting Clip
Component Type
PCB Header
Overview
din_41612
Product Name
IEC 603-2/DIN 41612
Style
R
Physical
Circuits (Loaded)
64
Circuits (maximum)
64
Circuits Detail
1,2,3,...32; a+c
Color - Resin
Gray
Durability (mating cycles max)
400
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Columns
32
Number of Pairs
Open Pin Field
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.512 In
PC Tail Length (mm)
13.00 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Carton
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
24
Plating min: Mating (µm)
0.60
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
36718Series


Similar Part No. - MM-B1540-R63-263

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
MM-B1500-C963-263 MOLEX5-MM-B1500-C963-263 Datasheet
176Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style C, Male, Right Angle, Through Hole, 0.6關m (24關") Selective Gold (Au), PC Tail Length 3.00mm (.118"), 64 Circuits
MM-B1501-R963 MOLEX5-MM-B1501-R963 Datasheet
208Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, 0.60關m (24關") Gold (Au) Plating, Tail Length 2.90mm (.114"), 64 Circuits
MM-B1502-R960 MOLEX5-MM-B1502-R960 Datasheet
213Kb / 4P
2.54mm (.100") Pitch DIN 41612 Receptacle, Style R, Male, Right Angle, Through Hole, 0.60關m (24關") Selective Gold (Au), PC Tail Length 4.50mm (.177"), 96 Circuits
MM-B1502-R963 MOLEX5-MM-B1502-R963 Datasheet
216Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60關m (24關") Gold (Au) Plating, Tail Length 4.50mm (.177"), 64 Circuits
MM-B1502-R963-263 MOLEX5-MM-B1502-R963-263 Datasheet
174Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style R, Male, Vertical, Through Hole, 0.6關m (24關") Selective Gold (Au), PC Tail Length 4.50mm (.177"), 64 Circuits
More results

Similar Description - MM-B1540-R63-263

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0367180076 MOLEX5-0367180076 Datasheet
174Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style R, Male, Vertical, Through Hole, 0.6關m (24關") Selective Gold (Au), PC Tail Length 4.50mm (.177"), 64 Circuits
0367180004 MOLEX5-0367180004 Datasheet
161Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style R, Male, Right Angle, Through Hole, 0.6關m (24關") Selective Gold (Au), PC Tail Length 15.10mm (.591"), 64 Circuits
0365110169 MOLEX5-0365110169 Datasheet
194Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 1.10關m (43關") Gold (Au) Plating, Tail Length 13.00mm (.512"), 64 Circuits
0367180080 MOLEX5-0367180080 Datasheet
167Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style R, Male, Vertical, Through Hole, 0.6關m (24關") Selective Gold (Au), PC Tail Length 18.00mm (.709"), 64 Circuits
0367180002 MOLEX5-0367180002 Datasheet
201Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style R, Male, Vertical, Through Hole, 0.6關m (24關") Selective Gold (Au), PC Tail Length 15.10mm (.594"), 64 Circuits
0367180005 MOLEX5-0367180005 Datasheet
161Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style R, Male, Vertical, Through Hole, 0.6關m (24關") Selective Gold (Au), PC Tail Length 15.00mm (.594"), 96 Circuits
0367180086 MOLEX5-0367180086 Datasheet
211Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style R, Male, Vertical, Through Hole, 0.6關m (24關") Selective Gold (Au), PC Tail Length 18.00mm (.709"), 96 Circuits
0850131677 MOLEX9-0850131677 Datasheet
146Kb / 5P
2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse,0.6關m (24關") Selective Gold (Au), 64 Circuits, Lead free
0850130012 MOLEX9-0850130012 Datasheet
139Kb / 5P
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 64 Circuits, 0.6關m (24關) Selective Gold (Au), Lead free
0850131938 MOLEX9-0850131938 Datasheet
139Kb / 5P
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 0.6關m (24關) Selective Gold (Au), 64 Circuits, Lead free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com