Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM-B1901-R480 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # MM-B1901-R480
Description  2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4關m (16關") Selective Gold (Au), 48 Circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

MM-B1901-R480 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  MM-B1901-R480 Datasheet HTML 1Page - Molex Electronics Ltd. MM-B1901-R480 Datasheet HTML 2Page - Molex Electronics Ltd. MM-B1901-R480 Datasheet HTML 3Page - Molex Electronics Ltd. MM-B1901-R480 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0365120196
Status:
Active
Overview:
din_41612
Description:
2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4µm (16µ")
Selective Gold (Au), 48 Circuits, PC Tail Length 2.900mm (.114"),Lead Free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-36511-001 (PDF)
General
Product Family
Backplane Connectors
Series
36512
Application
Backplane
Component Type
PCB Header
Overview
din_41612
Product Name
IEC 603-2/DIN 41612
Style
R/2
Physical
Circuits (Loaded)
48
Circuits (maximum)
48
Circuits Detail
1,2,3,...16; a+b+c
Color - Resin
Gray
Durability (mating cycles max)
Contact Molex
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Columns
16
Number of Pairs
Open Pin Field
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.114 In
PC Tail Length (mm)
2.90 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In, 0.125 In
PCB Thickness Recommended (mm)
1.60 mm, 3.20 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
16
Plating min: Mating (µm)
0.40
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
36512Series
Mates With
36510 PCB Receptacle


Similar Part No. - MM-B1901-R480

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
MM-B11660-R930 MOLEX5-MM-B11660-R930 Datasheet
203Kb / 4P
2.54mm (.100") Pitch DIN 41612 R Style Male Header with Wire-Wrap, Vertical, Through Hole Press-Fit, 0.30關m (12關") Selective Gold (Au) Plating, 96 Circuits
MM-B1402-R960 MOLEX5-MM-B1402-R960 Datasheet
217Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 1.10關m (43關") Gold (Au) Plating, Tail Length 4.50mm (.177"), 96 Circuits
MM-B1402-R963 MOLEX5-MM-B1402-R963 Datasheet
208Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 1.10關m (43關") Gold (Au) Plating, Tail Length 4.50mm (.177"), 64 Circuits
MM-B1440-R963 MOLEX5-MM-B1440-R963 Datasheet
194Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 1.10關m (43關") Gold (Au) Plating, Tail Length 13.00mm (.512"), 64 Circuits
MM-B1500-C963-263 MOLEX5-MM-B1500-C963-263 Datasheet
176Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style C, Male, Right Angle, Through Hole, 0.6關m (24關") Selective Gold (Au), PC Tail Length 3.00mm (.118"), 64 Circuits
More results

Similar Description - MM-B1901-R480

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0365010293 MOLEX5-0365010293 Datasheet
156Kb / 4P
2.54mm (.100") Pitch DIN 41612 C/2 Style Female Receptacle, Vertical, Through Hole, 0.40關m (16關") Selective Gold (Au) Plating, 48 Circuits
0850130024 MOLEX9-0850130024 Datasheet
147Kb / 5P
2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 0.6關m (24關") Selective Gold (Au), 96 Circuits
0850033067 MOLEX9-0850033067 Datasheet
86Kb / 3P
2.54mm (.100") Pitch DIN 41612 Header, Style C/2 , Right Angle, Through Hole, 0.6關m (24關") Selective Gold (Au), 48 Circuits
0850132012 MOLEX9-0850132012 Datasheet
278Kb / 8P
2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse1關m (40關") Selective Gold (Au), 48 Circuits, Lead free
0850133093 MOLEX9-0850133093 Datasheet
156Kb / 5P
2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0關m (39關")Selective Gold (Au), 96 Circuits
0850132036 MOLEX9-0850132036 Datasheet
278Kb / 8P
2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse1關m (40關") Selective Gold (Au), 48 Circuits, Lead free
0850133081 MOLEX9-0850133081 Datasheet
157Kb / 5P
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0關m (39關) Selective Gold (Au), 96 Circuits
0850132127 MOLEX9-0850132127 Datasheet
170Kb / 6P
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse, 1關m (40關) Selective Gold (Au), 48 Circuits, Lead free
0850130074 MOLEX9-0850130074 Datasheet
278Kb / 8P
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse, 0.6關m (24關) Selective Gold (Au), 48 Circuits, Lead free
0850133196 MOLEX9-0850133196 Datasheet
172Kb / 6P
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse, 1關m (40關) Selective Gold (Au), 48 Circuits, Lead free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com