Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM-B15W1-R960 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # MM-B15W1-R960
Description  R ML 96P CL2 AU ST 15.1 C DOT PRINT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

MM-B15W1-R960 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  MM-B15W1-R960 Datasheet HTML 1Page - Molex Electronics Ltd. MM-B15W1-R960 Datasheet HTML 2Page - Molex Electronics Ltd. MM-B15W1-R960 Datasheet HTML 3Page - Molex Electronics Ltd. MM-B15W1-R960 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0367180006
Status:
Active
Overview:
din_41612
Description:
R ML 96P CL2 AU ST 15.1 C DOT PRINT
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-36509-001 (PDF)
General
Product Family
Backplane Connectors
Series
36718
Application
Daughtercard
Comments
No Mounting Clip
Component Type
PCB Header
Overview
din_41612
Product Name
IEC 603-2/DIN 41612
Style
C
Physical
Circuits (Loaded)
96
Circuits (maximum)
96
Circuits Detail
1,2,3,...32; a+b+c
Color - Resin
Gray
Durability (mating cycles max)
400
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Columns
32
Number of Pairs
Open Pin Field
Number of Rows
3
Orientation
Vertical
PC Tail Length (in)
0.594 In
PC Tail Length (mm)
15.10 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Carton
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
24
Plating min: Mating (µm)
0.60
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
36718Series


Similar Part No. - MM-B15W1-R960

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
MM-B15W1-R960-104 MOLEX5-MM-B15W1-R960-104 Datasheet
161Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style R, Male, Vertical, Through Hole, 0.6關m (24關") Selective Gold (Au), PC Tail Length 15.00mm (.594"), 96 Circuits
More results

Similar Description - MM-B15W1-R960

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DIN-96FR-L33-A1C3 ADAM-TECH-DIN-96FR-L33-A1C3 Datasheet
96Kb / 1P
DIN 96P FEMALE TYPE R
DIN-96FR-L33-A1CX ADAM-TECH-DIN-96FR-L33-A1CX Datasheet
114Kb / 1P
DIN 96P FEMALE TYPE R
DIN-96MS-L33-A3CX ADAM-TECH-DIN-96MS-L33-A3CX Datasheet
115Kb / 1P
96P MALE EURODIN
logo
HARTING Technology Grou...
09-15-000-6127 HARTING-09-15-000-6127 Datasheet
444Kb / 2P
R 15-STI-C-0,14 QMM (AU)
09-15-000-6126 HARTING-09-15-000-6126 Datasheet
444Kb / 2P
R 15-STI-C-2,5 QMM (AU)
09-15-000-6125 HARTING-09-15-000-6125 Datasheet
444Kb / 2P
R 15-STI-C-0,75 QMM (AU)
09-15-000-6124 HARTING-09-15-000-6124 Datasheet
444Kb / 2P
R 15-STI-C-0,14 QMM (AU)
09-15-000-6123 HARTING-09-15-000-6123 Datasheet
444Kb / 2P
R 15-STI-C-0,5 QMM (AU)
09-15-000-6122 HARTING-09-15-000-6122 Datasheet
444Kb / 2P
R 15-STI-C-1 QMM (AU)
09-15-000-6121 HARTING-09-15-000-6121 Datasheet
444Kb / 2P
R 15-STI-C-1,5 QMM (AU)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com