Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA2181 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KA2181
Description  REMOTE CONTROL PREAMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2181 Datasheet(HTML) 2 Page - Samsung semiconductor

  KA2181 Datasheet HTML 1Page - Samsung semiconductor KA2181 Datasheet HTML 2Page - Samsung semiconductor KA2181 Datasheet HTML 3Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KA2181
REMOTE CONTROL PREAMPLIFIER
ABSOLUTE MAXIMUM RATINGS (T
A=25° C)
RECOMMENDED OPERATING CONDITIONS
ELECTERICAL CHARACTERISTICS
(T
A=25° C, VCC=8.5V, fIN=40KHz)
Characteristic
Symbol
Value
Unit
Supply Voltage
Power Dissipation
Operating Temperature
Storage Temperature
V
CC
P
D
T
OPR
T
STG
15
270
-20~+75
-45~+125
V
mW
°C
°C
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Power Supply
V
CC
6.0
8.5
14.4
V
Input Frequency
f
IN
30
-
50
KHz
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Supply Current
I
CC
1.5
2.5
3.5
mA
Input Terminal Voltage
V
IN 1
2.1
2.6
3.1
V
Input Terminal Voltage
V
IN 2
I
IN=70µA
3.4
4.1
4.9
V
1st Stage Voltage Gain
A
VL
#7-#3,
V
OUT=500mVP-P
-
60
-
dB
Detection Input Voltage
υ
IN
-
50
100
µV
P-P
Input Impedance
γ
IN
40
60
80
K
Ω
Output Voltage
V
OL
I
OL=0.1mA,
υ
IN=7mVP-P
-
-
0.5
V
Output Leakage Current
I
OH
V
OH=14.4V
-
-
2
µA
Noise
Input Open
Output Terminal is not fall



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com