Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA2425B Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KA2425B
Description  SPEECH NETWORK WITH DIALER INTERFACE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2425B Datasheet(HTML) 4 Page - Samsung semiconductor

  KA2425B Datasheet HTML 1Page - Samsung semiconductor KA2425B Datasheet HTML 2Page - Samsung semiconductor KA2425B Datasheet HTML 3Page - Samsung semiconductor KA2425B Datasheet HTML 4Page - Samsung semiconductor KA2425B Datasheet HTML 5Page - Samsung semiconductor KA2425B Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KA2425A
SPEECH NETWORK WITH DIALER INTERFACE
ELECTRICAL CHARACTERISTICS
(Continued)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
DIALING INTERFACE
MT Input Resistance
R1 (MT)
-
50
100
-
K
MT Input High Voltage
VIH (MT)
-
VDD-0.3
-
-
Vdc
MT Input Low Voltage
VIL (MT)
-
-
-
1.0
Vdc
MS Input Resistance
RI (MS)
-
280
600
-
K
MS Input High Voltage
VIH (MS)
-
2.0
-
-
Vdc
MS Input Low Voltage
TI Input Resistance
VIL MS)
RI (T1)
-
-
-
-
-
1.25
0.3
-
Vdc
K
DTMF Gain
GV (MF)
-
3.2
4.8
6.2
dB
LINE INTERFACE
V+ Current (Pin 12 Grounded)
Speech Mode
Speech/Pulse Modes
Tone Mode
1+
V+ = 1.7V
V+ = 12V
V+ = 12V
4.5
5.5
6.0
7.1
8.4
8.8
9.0
12.5
14.0
mA
V+ Voltage
Speech/Pulse Mode
Speech/Pulse Mode
Speech/Pulse Mode
Tone Mode
Tone Mode
V+
IL = 20mA
IL = 30mA
IL = 120mA
IL = 20mA
IL = 30mA
2.6
3.0
7.0
4.1
4.5
3.2
3.7
8.2
4.9
6.4
3.8
4.4
9.5
5.7
6.2
Vdc
LR Level Shift
Speech/Pulse Mode
Tone Mode
∆ V
LR
V + -VLR
-
-
2.7
4.3
-
-
Vdc
LC Terminal Resistance
RLC
-
36
57
94
K
VOLTAGE REGULATORS
VR Voltage
Load Regulation
Line Regulation
VR
∆ V
O
∆ V
O
(V+ = 1.7V)
0mA < IR < 1.6mA
2.0V < V + < 6.5V
1.1
-
-
1.2
20
25
1.3
-
-
Vdc
mV
mV
VDD Voltage
Load Regulation (Dialing Mode)
Line Regulation (All Modes)
Max. Output
Current
Max. Output
Current
VDD
∆ V
O (DM)
∆ V
O (AM)
IOSM (MAX)
IODM (MAX)
(V+ = 4.5V)
0 < IDD < 1.6mA
4.0V < V + < 9.0V
Speech Mode
Dialing Mode
3.0
-
-
375
1.6
3.3
0.25
50
550
2.0
3.8
-
-
1000
3.6
Vdd
Vdd
mV
µA
mA
VDD Leakage Current
ILKG (VDD)
V + = 0, VDD = 3.0V
-
-
1.5
µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com