Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA2425AD Datasheet(PDF) 5 Page - Samsung semiconductor

Part # KA2425AD
Description  SPEECH NETWORK WITH DIALER INTERFACE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2425AD Datasheet(HTML) 5 Page - Samsung semiconductor

  KA2425AD Datasheet HTML 1Page - Samsung semiconductor KA2425AD Datasheet HTML 2Page - Samsung semiconductor KA2425AD Datasheet HTML 3Page - Samsung semiconductor KA2425AD Datasheet HTML 4Page - Samsung semiconductor KA2425AD Datasheet HTML 5Page - Samsung semiconductor KA2425AD Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
KA2425A
SPEECH NETWORK WITH DIALER INTERFACE
TEST
CIRCUIT
Fig 2. DTMF
Driver
Test
Fig 3. Transmit and sidetone level test
Fig 4. AC
Impedance, Receive and Sidetone Rejection Test
16
14
13
12
18
17
10
KA2425A
V+
22K
V
IN
400mVrms
1.0V
204
20
µF
+
I
LOOP
2
4
7
8
14
15
17
KA2425A
150
Ω
20
µF
6
3
11
18
13
12
10
+
V+
150K
8.2K
503
33K
10K
20mVrms
1KHz
Vs
Microphone Equivalent
I
LOOP
600
Ω
203
47
Ω
10
204
150
Ω 503
2
4
7
8
14
15
17
KA2425A
6
3
11
18
13
12
10
V+
150K
8.2K
503
33K
47
Ω
10
204
150
Ω 503
+
20
µF
I
LOOP
203
20mVrms
1KHz
Vs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com