Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA2500 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # KA2500
Description  WIDE BAND ANALOG SWITCH FOR MONITORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2500 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button KA2500 Datasheet HTML 6Page - Samsung semiconductor KA2500 Datasheet HTML 7Page - Samsung semiconductor KA2500 Datasheet HTML 8Page - Samsung semiconductor KA2500 Datasheet HTML 9Page - Samsung semiconductor KA2500 Datasheet HTML 10Page - Samsung semiconductor KA2500 Datasheet HTML 11Page - Samsung semiconductor KA2500 Datasheet HTML 12Page - Samsung semiconductor KA2500 Datasheet HTML 13Page - Samsung semiconductor KA2500 Datasheet HTML 14Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
KA2507
WIDE BAND ANALOG SWITCH FOR MONITORS
13
APPLICATION BOARD CIRCUIT
Figure 2. Application Board Circuit
33
R2 IN
100
G2 IN
B2 IN
H2 IN
V2 IN
SW
24
VCC
22
GOUT
21
SOG
20
DET
18
BOUT
17
HOUT
16
VOUT
15
CSYNC
19
H2
13
V2
14
R1
1
GND1
2
G1
3
GND2
4
B1
5
H1
6
V1
7
R2
8
GND3
9
G2
10
GND4
11
B2
12
ROUT
23
KA2507
470K
+
47uF
1uF 63V MP
100
100
100
75
47uF
33
75
47uF
33
75
47uF
33
75
47uF
33
75
47uF
33
75
47uF
100
100
100
0.01uF
VCC=5V
+
47uF
0.01uF
+
47uF
6
1
11
7
2
12
8
3
13
9
4
14
10
5
15
INPUT1
DSUB1
GOUT
SW
SOG
10K
CSYNC
ROUT
VOUT
BOUT
HOUT
S1D2507B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com