Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0432028811 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0432028811
Description  Modular Jack, Right Angle, Low Profile, Shielded, All Panel Grounding Tabs, without
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0432028811 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0432028811 Datasheet HTML 1Page - Molex Electronics Ltd. 0432028811 Datasheet HTML 2Page - Molex Electronics Ltd. 0432028811 Datasheet HTML 3Page - Molex Electronics Ltd. 0432028811 Datasheet HTML 4Page - Molex Electronics Ltd. 0432028811 Datasheet HTML 5Page - Molex Electronics Ltd. 0432028811 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0432028811
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Right Angle, Low Profile, Shielded, All Panel Grounding Tabs, without
Bottom Grounding Tab, Rear Position PCB Ground Tab, 8/10
Documents:
3D Model
Product Specification PS-43202-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
43202
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
RJ45
Physical
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
No
Lightpipes/LEDs
None
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Right Angle (Side Entry)
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Ports
1
Positions / Loaded Contacts
8/10
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
1.5A
Grounding to PCB
Yes
Grounding to Panel
Yes
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
43202Series
Mates With
FCC 68 Plugs


Similar Part No. - 0432028811

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0432028811 MOLEX1-0432028811_18 Datasheet
34Kb / 2P
Modular Jack, Right Angle, Low Profile, Shielded, All Panel Grounding Tabs, without Bottom Grounding Tab
More results

Similar Description - 0432028811

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0432028819 MOLEX1-0432028819_17 Datasheet
35Kb / 2P
Modular Jack, Right Angle, Low Profile, Shielded, All Panel Grounding Tabs
0432028827 MOLEX1-0432028827_17 Datasheet
35Kb / 2P
Modular Jack, Right Angle, Low Profile, Shielded, All Panel Grounding Tabs
0432028919 MOLEX1-0432028919_17 Datasheet
35Kb / 2P
Modular Jack, Right Angle, Low Profile, Shielded, All Panel Grounding Tabs
0432028927 MOLEX1-0432028927_17 Datasheet
35Kb / 2P
Modular Jack, Right Angle, Low Profile, Shielded, All Panel Grounding Tabs
0432028811 MOLEX1-0432028811_18 Datasheet
34Kb / 2P
Modular Jack, Right Angle, Low Profile, Shielded, All Panel Grounding Tabs, without Bottom Grounding Tab
0438600004 MOLEX1-0438600004_17 Datasheet
34Kb / 2P
Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs
0438600005 MOLEX1-0438600005_17 Datasheet
34Kb / 2P
Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs
0438600006 MOLEX1-0438600006_17 Datasheet
34Kb / 2P
Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs
0438600010 MOLEX1-0438600010_17 Datasheet
34Kb / 2P
Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs
0438600011 MOLEX1-0438600011_17 Datasheet
34Kb / 2P
Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com