Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM-B2400-R963 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # MM-B2400-R963
Description  2.54mm (.100") Pitch DIN 41612 Receptacle, Right Angle, Through Hole, with 64 Contacts Loaded, 1.27關m (50關") Gold (Au) Selective, Lead-Free
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

MM-B2400-R963 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  MM-B2400-R963 Datasheet HTML 1Page - Molex Electronics Ltd. MM-B2400-R963 Datasheet HTML 2Page - Molex Electronics Ltd. MM-B2400-R963 Datasheet HTML 3Page - Molex Electronics Ltd. MM-B2400-R963 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2.5A
Data Rate
622.0 Mbps
Real Signals (per 25mm)
29
Shield Type
N/A
Shielded
No
Voltage - Maximum
250V AC (RMS)
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Old Part Number
MMB2400R963
Reference - Drawing Numbers
Product Specification
PS-36509-001
Sales Drawing
SD-36509-002
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com