Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM-B2500-R963 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # MM-B2500-R963
Description  2.54mm (.100") Pitch DIN 41612 Receptacle, Right Angle, Through Hole, 96 Circuits,with 64 Contacts Loaded, 0.76關m (30關") Gold (Au) Selective, Lead Free
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

MM-B2500-R963 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  MM-B2500-R963 Datasheet HTML 1Page - Molex Electronics Ltd. MM-B2500-R963 Datasheet HTML 2Page - Molex Electronics Ltd. MM-B2500-R963 Datasheet HTML 3Page - Molex Electronics Ltd. MM-B2500-R963 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0365090026
Status:
Active
Overview:
din_41612
Description:
2.54mm (.100") Pitch DIN 41612 Receptacle, Right Angle, Through Hole, 96 Circuits,
with 64 Contacts Loaded, 0.76µm (30µ") Gold (Au) Selective, Lead Free
Documents:
3D Model
Product Specification PS-36509-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Backplane Connectors
Series
36509
Application
Backplane
Comments
"R" at style represents Right Angle Female DIN
Connector
Component Type
PCB Receptacle
Overview
din_41612
Product Name
IEC 603-2/DIN 41612
Style
R
Physical
Circuits (Loaded)
64
Circuits (maximum)
96
Circuits Detail
Rows A & C
Durability (mating cycles max)
400
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
Yes
Number of Columns
32
Number of Pairs
Open Pin Field
Number of Rows
3
Orientation
Right Angle
PC Tail Length (in)
0.118 In
PC Tail Length (mm)
3.00 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In, 0.125 In
PCB Thickness Recommended (mm)
1.60 mm, 3.20 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Polarized to PCB
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Data Rate
622.0 Mbps
Voltage - Maximum
250V AC (RMS)
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
36509Series
Mates With
36502 Right Angle Header. 36511 Vertical
Header


Similar Part No. - MM-B2500-R963

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
MM-B2500-R963 MOLEX5-MM-B2500-R963 Datasheet
193Kb / 4P
2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60關m (24關") Selective Gold (Au) Plating, 64 Circuits
MM-B2500-R963-101 MOLEX5-MM-B2500-R963-101 Datasheet
162Kb / 4P
2.54mm (.100") Pitch DIN 41612 Receptacle, Style R, Female, Right Angle,Through Hole, 0.60關m (24關") Selective Gold (Au), PC Tail Length 3.00mm (.118"), 64 Circuits
More results

Similar Description - MM-B2500-R963

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0365090025 MOLEX5-0365090025 Datasheet
201Kb / 4P
2.54mm (.100") Pitch DIN 41612 Receptacle, Right Angle, Through Hole, with 64 Contacts Loaded, 1.27關m (50關") Gold (Au) Selective, Lead-Free
0850030646 MOLEX9-0850030646 Datasheet
99Kb / 3P
2.54mm (.100") Pitch DIN 41612 Header, Right Angle, Through Hole, Style C, 0.6關m (24關") Selective Gold (Au), 64 Circuits, Lead free
0850133299 MOLEX9-0850133299 Datasheet
78Kb / 3P
2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1關m (40關") Selective Gold (Au), 96 Circuits, Lead free
0850031483 MOLEX9-0850031483 Datasheet
90Kb / 3P
2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.6關m24關") Selective Gold (Au), 96 Circuits, Lead free
0850030191 MOLEX9-0850030191 Datasheet
89Kb / 3P
2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.6關m(24關") Selective Gold (Au), 96 Circuits, Lead free
0850030610 MOLEX9-0850030610 Datasheet
84Kb / 3P
2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 1關m (40關") Selective Gold (Au), 64 Circuits, Lead free
0850032763 MOLEX9-0850032763 Datasheet
84Kb / 3P
2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole ,0.25關m(10關") Selective Gold (Au), 64 Circuits, Lead free
0850030189 MOLEX9-0850030189 Datasheet
87Kb / 3P
2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.6關m(24關") Selective Gold (Au), 96 Circuits, Lead free
0850030206 MOLEX9-0850030206 Datasheet
86Kb / 3P
2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), 96 Circuits, Lead free
0850030294 MOLEX9-0850030294 Datasheet
86Kb / 3P
2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 1關m (40關) Selective Gold (Au), 96 Circuits, Lead free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com