Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0459110012 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0459110012
Description  12.90mm (.508") Pitch EXTreme PowerEdge?? Mixed Power/Signal Card Edge Connector, Double Sided, 3 Segments (Signal, Power, Power Sequence)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0459110012 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0459110012 Datasheet HTML 1Page - Molex Electronics Ltd. 0459110012 Datasheet HTML 2Page - Molex Electronics Ltd. 0459110012 Datasheet HTML 3Page - Molex Electronics Ltd. 0459110012 Datasheet HTML 4Page - Molex Electronics Ltd. 0459110012 Datasheet HTML 5Page - Molex Electronics Ltd. 0459110012 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0459110012
Status:
Active
Overview:
edge_card_connectors
Description:
12.90mm (.508") Pitch EXTreme PowerEdge™, Mixed Power/Signal Card Edge
Connector, Double Sided, 3 Segments (Signal, Power, Power Sequence), Through
Hole Solder for 2.36mm (.093") or 3.18mm (.125") Thick PC Board
Documents:
3D Model
Product Specification PS-45719-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR 19980
TUV
30482572.001
UL
E29179
General
Product Family
Edge Card Connectors
Series
45911
Component Type
Edgecard to PCB
Overview
edge_card_connectors
Product Name
EXTreme PowerEdge™
Physical
Circuits (Loaded)
12
Circuits (maximum)
12
Circuits Detail
8 Signal, 2 Power, 2 Power
Color - Resin
Black
Durability (mating cycles max)
250
Entry Angle
Vertical (Top Entry)
Flammability
94V-0
Keying to Mating Part
N/A
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
PC Tail Length (in)
0.182 In
PC Tail Length (mm)
4.63 mm
PCB Thickness Recommended (in)
0.093 In, 0.125 In
PCB Thickness Recommended (mm)
2.40 mm, 3.20 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.508 In
Pitch - Mating Interface (mm)
12.90 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
150
Plating min: Termination (µm)
3.75
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A, 40A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
45911Series
Mates With
1.58mm (.062") double sided card edge


Similar Part No. - 0459110012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0459110012 MOLEX1-0459110012_17 Datasheet
48Kb / 2P
EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 3Segments or 3.18mm Thick PC Board
More results

Similar Description - 0459110012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0459110050 MOLEX6-0459110050 Datasheet
325Kb / 6P
12.90mm (.508") Pitch EXTreme PowerEdge?? Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments (Signal, Signal, Signal, Power Sequence)
0459110037 MOLEX6-0459110037 Datasheet
342Kb / 6P
12.90mm (.508") Pitch EXTreme PowerEdge?? Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments (Signal, Signal, Power, Power Sequence)
0459110043 MOLEX6-0459110043 Datasheet
325Kb / 6P
12.90mm (.508") Pitch EXTreme PowerEdge?? Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments (Power, Signal, Signal, Power Sequence)
0459110036 MOLEX6-0459110036 Datasheet
343Kb / 6P
12.90mm (.508") Pitch EXTreme PowerEdge?? Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments (Signal, Signal, Signal, Power Sequence)
0459110047 MOLEX6-0459110047 Datasheet
325Kb / 6P
12.90mm (.508") Pitch EXTreme PowerEdge?? Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments (Signal, Power, Signal, Power Sequence)
0459110034 MOLEX6-0459110034 Datasheet
343Kb / 6P
12.90mm (.508") Pitch EXTreme PowerEdge?? Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments (Signal, Power, Signal, Signal Sequence)
0459110011 MOLEX6-0459110011 Datasheet
343Kb / 6P
12.90mm (.508") Pitch EXTreme PowerEdge?? Mixed Power/Signal Card Edge Connector, Double Sided, 3 Segments (Signal, Signal, Power Sequence)
0459110032 MOLEX6-0459110032 Datasheet
343Kb / 6P
12.90mm (.508") Pitch EXTreme PowerEdge?? Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments (Signal, Power, Power, Signal, Sequence)
0459110045 MOLEX6-0459110045 Datasheet
325Kb / 6P
12.90mm (.508") Pitch EXTreme PowerEdge?? Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments (Power, Signal, Signal, Signal Sequence)
0459110052 MOLEX6-0459110052 Datasheet
325Kb / 6P
12.90mm (.508") Pitch EXTreme PowerEdge?? Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments (Signal, Power, Power, Power Sequence)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com