Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH5RL37AC-RF Datasheet(PDF) 13 Page - RICOH electronics devices division

Part # RH5RL37AC-RF
Description  VOLTAGE REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RH5RL37AC-RF Datasheet(HTML) 13 Page - RICOH electronics devices division

Back Button RH5RL37AC-RF Datasheet HTML 9Page - RICOH electronics devices division RH5RL37AC-RF Datasheet HTML 10Page - RICOH electronics devices division RH5RL37AC-RF Datasheet HTML 11Page - RICOH electronics devices division RH5RL37AC-RF Datasheet HTML 12Page - RICOH electronics devices division RH5RL37AC-RF Datasheet HTML 13Page - RICOH electronics devices division RH5RL37AC-RF Datasheet HTML 14Page - RICOH electronics devices division RH5RL37AC-RF Datasheet HTML 15Page - RICOH electronics devices division RH5RL37AC-RF Datasheet HTML 16Page - RICOH electronics devices division RH5RL37AC-RF Datasheet HTML 17Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
R
×5RL
12
R
×5RL40A
R
×5RL50A
R
×5RL50A
R
×5RL30A
3) Dropout Voltage vs. Output Curret
R
×5RL40A
R
×5RL40A
3.5
4.0
4.5
3.2
3.4
3.6
3.8
4.0
4.2
IOUT=1mA
Topt=25˚C
5mA
10mA
Input Voltage VIN(V)
4.5
5.0
5.5
4.2
4.4
4.6
4.8
5.0
5.2
IOUT=1mA
Topt=25˚C
Input Voltage VIN(V)
5mA
10mA
Output Current IOUT(mA)
0
10
203040
50
0.0
0.4
0.6
0.2
0.8
1.0
1.2
1.4
1.6
1.8
2.0
25˚C
85˚C
Topt=
−40˚C
Input Voltage VIN(V)
45
6
7
8
9
10
3.95
3.96
3.97
3.98
3.99
4.00
4.01
4.02
4.03
4.04
4.05
IOUT=1mA
Topt=25˚C
5
6
78
9
10
4.95
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
Input Voltage VIN(V)
IOUT=1mA
Topt=25˚C
Output Current IOUT(mA)
010
20
30
40
50
0.0
0.4
0.6
0.2
0.8
1.0
1.2
1.4
1.6
1.8
2.0
85˚C
Topt=
−40˚C
25˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com