Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0470183000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0470183000
Description  1.27mm (.050") Pitch Serial ATA Host Receptacle, Mating Height 4.70mm (.185"), Gold (Au) Flash, Light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0470183000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0470183000 Datasheet HTML 1Page - Molex Electronics Ltd. 0470183000 Datasheet HTML 2Page - Molex Electronics Ltd. 0470183000 Datasheet HTML 3Page - Molex Electronics Ltd. 0470183000 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0470183000
Status:
Active
Description:
1.27mm (.050") Pitch Serial ATA Host Receptacle, Mating Height 4.70mm (.185"), Gold
(Au) Flash, Light Tin Solder Area, Surface Mount, Right Angle, Top Mount Type, 22
Circuits, Lead Free
Documents:
3D Model
Product Specification PS-67492-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR 19980
UL
E29179
General
Product Family
PCB Receptacles
Series
47018
Application
Board-to-Board
Comments
Top Mount Type
Product Name
Serial ATA
Physical
Circuits (Loaded)
22
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
None
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Termination (µin)
80
Plating min: Termination (µm)
2.00
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-35°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
15V DC
Solder Process Data
Lead-free Process Capability
Reflow Capable (SMT only)
Process Temperature max. C
230
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47018Series
Mates With
87703-0001


Similar Part No. - 0470183000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0470183001 MOLEX6-0470183001 Datasheet
204Kb / 4P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Mating Height 4.70mm (.185"), 0.76um (30u") Gold (Au)
0470183002 MOLEX6-0470183002 Datasheet
204Kb / 4P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Mating Height 4.70mm (.185"), 0.38um (15u") Gold (Au)
More results

Similar Description - 0470183000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0470182002 MOLEX6-0470182002 Datasheet
204Kb / 4P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Mating Height 4.30mm
0470183001 MOLEX6-0470183001 Datasheet
204Kb / 4P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Mating Height 4.70mm (.185"), 0.76um (30u") Gold (Au)
0474043002 MOLEX6-0474043002 Datasheet
176Kb / 4P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, Through Hole, 0.38um 15u") Gold (Au)
0470182011 MOLEX6-0470182011 Datasheet
204Kb / 4P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Mating Height 4.30mm (.169"), 0.76um (30u") Gold (Au)
0470182000 MOLEX6-0470182000 Datasheet
204Kb / 4P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Mating Height 4.30mm (.169"), Gold (Au) Flash, Light Tin Solder
0470183002 MOLEX6-0470183002 Datasheet
204Kb / 4P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Mating Height 4.70mm (.185"), 0.38um (15u") Gold (Au)
0674921120 MOLEX7-0674921120 Datasheet
221Kb / 4P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height3.55mm (.140"), Gold (Au) Flash, Tray Packaging, 22 Circuits, Lead Free
0674929220 MOLEX7-0674929220 Datasheet
221Kb / 4P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height6.74mm (.265"), Gold (Au) Flash, Tray Packaging, 22 Circuits, Lead Free
0674921420 MOLEX7-0674921420 Datasheet
221Kb / 4P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 5.90mm (.232"), Gold (Au) Flash, Tray Packaging, 22 Circuits, Lead Free
0674921320 MOLEX7-0674921320 Datasheet
221Kb / 4P
1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height5.25mm (.207"), Gold (Au) Flash, 22 Circuits, Tray Packaging, Lead Free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com