Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0558900411 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0558900411
Description  CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Power, 4Circuits, Polarization Type A, Polarization Position A-1
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0558900411 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0558900411 Datasheet HTML 1Page - Molex Electronics Ltd. 0558900411 Datasheet HTML 2Page - Molex Electronics Ltd. 0558900411 Datasheet HTML 3Page - Molex Electronics Ltd. 0558900411 Datasheet HTML 4Page - Molex Electronics Ltd. 0558900411 Datasheet HTML 5Page - Molex Electronics Ltd. 0558900411 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/10/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0558900411
Status:
Active
Description:
CRC™ Shielded Rectangular I/O Receptacle Housing for Male Terminal, Power, 4
Circuits, Polarization Type A, Polarization Position A-1
Documents:
Drawing (PDF)
Product Specification PS-51300-005 (PDF)
Product Specification PS-51300-004 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
I/O Connectors
Series
55890
Application
Panel-Mount, Wire-to-Wire
Component Type
Housing
Product Name
CRC™
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
N/A
Circuits (maximum)
4
Color - Resin
Black
Durability (mating cycles max)
100
Flammability
94V-0
Gender
Receptacle
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Stainless Steel
Material - Plating Mating
n/a
Material - Resin
Polyester
Number of Rows
2
Orientation
Vertical
PCB Locator
No
Packaging Type
Tray
Panel Mount
Front, Rear
Pitch - Mating Interface (in)
0.189 In
Pitch - Mating Interface (mm)
4.80 mm
Pitch - Term. Interface (in)
0.189 In
Pitch - Term. Interface (mm)
4.80 mm
Polarized to Mating Part
Yes
Polarized to PCB
N/A
Ports
1
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
N/A
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
10A, 12.5A, 7A
Shielded
No
Voltage - Maximum
250V AC (RMS)/DC
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
55890Series
Mates With
51297 plug assembly set, 51301 plug
housing
Use With
56377-120* receptacle shell, 56193 male
terminal


Similar Part No. - 0558900411

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0558900412 MOLEX7-0558900412 Datasheet
369Kb / 6P
CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Power, 4Circuits, Polarization Type B, Polarization Position A-2
0558900414 MOLEX7-0558900414 Datasheet
369Kb / 6P
CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Power, 4 Circuits, Polarization Type D, Polarization Position B-2
More results

Similar Description - 0558900411

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0512332012 MOLEX7-0512332012 Datasheet
384Kb / 6P
CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Signal, 20Circuits, Polarization Type A, Polarization Position B-2
0512331212 MOLEX7-0512331212 Datasheet
356Kb / 6P
CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Signal, 12Circuits, Polarization Type A, Polarization Position B-2
0512331215 MOLEX7-0512331215 Datasheet
356Kb / 6P
CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Signal, 12Circuits, Polarization Type D, Polarization Position A-2
0513000414 MOLEX7-0513000414 Datasheet
361Kb / 6P
CRC??Shielded Rectangular I/O Receptacle Housing for Female Terminal, Power, 4Circuits, Polarization Type D, Polarization Position B-2
0558901511 MOLEX7-0558901511 Datasheet
435Kb / 6P
CRC??Shielded Rectangular I/O Receptacle Pin Housing for Male Terminal, Power, 15Circuits, Polarization Type A, Sequence Position A-1
0513000411 MOLEX7-0513000411 Datasheet
361Kb / 6P
CRC??Shielded Rectangular I/O Receptacle Housing for Female Terminal, Power, 4Circuits, Polarization Type A, Polarization Position A-1
0558900412 MOLEX7-0558900412 Datasheet
369Kb / 6P
CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Power, 4Circuits, Polarization Type B, Polarization Position A-2
0512333012 MOLEX7-0512333012 Datasheet
410Kb / 6P
CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Signal, 30Circuits, Polarization Type A, Polarization Position C-3
0513000412 MOLEX7-0513000412 Datasheet
361Kb / 6P
CRC??Shielded Rectangular I/O Receptacle Housing for Female Terminal, Power, 4Circuits, Polarization Type B, Polarization Position A-2
0512335012 MOLEX7-0512335012 Datasheet
548Kb / 6P
CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Signal, 50Circuits, Polarization Type A, Polarization Position C-5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com