Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K6R1016V1D Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K6R1016V1D
Description  64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1016V1D Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K6R1016V1D Datasheet HTML 3Page - Samsung semiconductor K6R1016V1D Datasheet HTML 4Page - Samsung semiconductor K6R1016V1D Datasheet HTML 5Page - Samsung semiconductor K6R1016V1D Datasheet HTML 6Page - Samsung semiconductor K6R1016V1D Datasheet HTML 7Page - Samsung semiconductor K6R1016V1D Datasheet HTML 8Page - Samsung semiconductor K6R1016V1D Datasheet HTML 9Page - Samsung semiconductor K6R1016V1D Datasheet HTML 10Page - Samsung semiconductor K6R1016V1D Datasheet HTML 11Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
K6R1016V1D
CMOS SRAM
Revision 3.0
- 11
June 2002
for AT&T
PACKAGE DIMENSION
6
5
4
3
2
1
A
B
C
D
E
F
G
H
B/2
B
B
Bottom View
Top View
D
C
Side View
A
Y
Detail A
Min
Typ
Max
A
-
0.75
-
B
5.90
6.00
6.10
B1
-
3.75
-
C
6.90
7.00
7.10
C1
-
5.25
-
D
0.40
0.45
0.50
E
0.80
0.90
1.00
E1
-
0.55
-
E2
0.30
0.35
0.40
Y
-
-
0.08
B1
#A1
Notes.
1. Bump counts: 48(8 row x 6 column)
2. Bump pitch: (x,y)=(0.75 x 0.75)(typ.)
3. All tolerence are +/-0.050 unless
otherwise specified.
4. Typ: Typical
5. Y is coplanarity: 0.08(Max)
Unit: millimeters
48 TAPE BALL GRID ARRAY(0.75mm ball pitch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com