Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4065 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SC4065
Description  Silicon NPN Epitaxial Planar Transistor(DC Motor Driver and General Purpose)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC4065 Datasheet(HTML) 1 Page - Sanken electric

  2SC4065 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
86
2SC4065
Silicon NPN Epitaxial Planar Transistor (Complement to type 2SA1568)
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
2SC4065
60
60
6
±12
3
35(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
VFEC
fT
COB
2SC4065
100max
60max
60min
50min
0.35max
2.5max
24typ
180typ
Unit
µA
mA
V
V
V
MHz
PF
Conditions
VCB=60V
VEB=6V
IC=25mA
VCE=1V, IC=6A
IC=6A, IB=1.3A
VECO=10A
VCE=12V, IE=–0.5A
VCB=10V, f=1MHz
(Ta=25°C)
(Ta=25°C)
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
0
0
4
2
8
6
12
10
24
6
Collector-Emitter Voltage V CE(V)
I B=10mA
20mA
40mA
60mA
100mA
150mA
Safe Operating Area (Single Pulse)
f T– I E Characteristics (Typical)
0
1.0
1.3
0.5
0.005 0.01
0.1
3
1
Base Current I B(A)
I C=1A
12A
3A
6A
9A
0.02
0.1
1
1 0 1 2
3
5
50
10
100
400
Collector Current I C(A)
(V CE=1V)
Typ
0.02
0.1
1
1 0 1 2
3
5
50
10
100
400
Collector Current I C(A)
(V CE=1V)
0.2
0.5
1
5
1
1 0
100
1000
Time t(ms)
10
50
3
5
100
0.05
0.1
1
0.5
30
10
5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
DC
100ms
1ms
40
30
20
10
2
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
50x50x2
100x100x2
150x150x2
0
12
10
2
4
8
6
0
1.1
1.0
0.5
Base-Emittor Voltage V BE(V)
(V CE=1V)
25˚C
–30˚C
125˚C
–0.05 –0.1
–1
–0.5
–5
–12
–10
20
10
0
30
(V CE=12V)
Emitter Current I E(A)
Typ
Natural Cooling
Silicone Grease
Heatsink: Aluminum
in mm
External Dimensions FM20(TO220F)
ø3.3±0.2
10.1±0.2
2.54
2.54
1.35±0.15
0.85
+0.2
-0.1
1.35±0.15
2.2±0.2
4.2±0.2
2.8
c0.5
2.4±0.2
0.45
+0.2
-0.1
BE
C
a
b
Weight : Approx 2.0g
a. Type No.
b. Lot No.
Application : DC Motor Driver and General Purpose
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
24
RL
(
Ω)
4
IC
(A)
6
VBB2
(V)
–5
IB2
(A)
–0.12
ton
(
µs)
0.6typ
tstg
(
µs)
1.4typ
tf
(
µs)
0.4typ
IB1
(A)
0.12
VBB1
(V)
10
Built-in Diode at C – E
Low VCE (sat)
B
C
E
(400
Ω)
Equivalent
circuit


Similar Part No. - 2SC4065

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SC4060 SHINDENGEN-2SC4060 Datasheet
519Kb / 12P
Switching Power Transistor(20A NPN)
logo
Inchange Semiconductor ...
2SC4060 ISC-2SC4060 Datasheet
77Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4060 SAVANTIC-2SC4060 Datasheet
126Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4060 JMNIC-2SC4060 Datasheet
63Kb / 2P
Silicon NPN Power Transistor
logo
Savantic, Inc.
2SC4060 SAVANTIC-2SC4060 Datasheet
128Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC4065

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SA1567 SANKEN-2SA1567 Datasheet
24Kb / 1P
Silicon PNP Epitaxial Planar Transistor(DC Motor Driver, Chopper Regulator and General Purpose)
2SA1568 SANKEN-2SA1568 Datasheet
25Kb / 1P
Silicon PNP Epitaxial Planar Transistor(DC Motor Driver, Chopper Regulator and General Purpose)
2SB1382 SANKEN-2SB1382 Datasheet
25Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Chopper Regulator, DC Motor Driver and General Purpose)
2SB1383 SANKEN-2SB1383 Datasheet
24Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Chopper Regulator, DC Motor Driver and General Purpose)
2SB1420 SANKEN-2SB1420 Datasheet
25Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Chopper Regulator, DC Motor Driver and General Purpose)
2SC3264 SANKEN-2SC3264 Datasheet
24Kb / 1P
Silicon NPN Epitaxial Planar Transistor(Audio and General Purpose)
2SC3284 SANKEN-2SC3284 Datasheet
24Kb / 1P
Silicon NPN Epitaxial Planar Transistor(Audio and General Purpose)
2SC3852 SANKEN-2SC3852 Datasheet
23Kb / 1P
Silicon NPN Epitaxial Planar Transistor(Driver for Solenoid and Motor, Series Regulator and General Purpose)
2SC4064 SANKEN-2SC4064 Datasheet
24Kb / 1P
Silicon NPN Epitaxial Planar Transistor(DC Motor Driver and General Purpose)
2SC4886 SANKEN-2SC4886 Datasheet
25Kb / 1P
Silicon NPN Epitaxial Planar Transistor(Audio and General Purpose)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com