Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5002 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SC5002
Description  Silicon NPN Triple Diffused Planar Transistor(Display Horizontal Deflection Output, Switching Regulator and General Purpose)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC5002 Datasheet(HTML) 1 Page - Sanken electric

  2SC5002 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
122
Silicon NPN Triple Diffused Planar Transistor (High Voltage Switchihg Transistor)
Application : Display Horizontal Deflection Output, Switching Regulator and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
2SC5002
1500
800
6
7(Pulse14)
3.5
80(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO1
ICBO2
IEBO
V(BR)CEO
hFE1
hFE2
VCE(sat)
VBE(sat)
fT
COB
2SC5002
100max
1max
100max
800min
8min
4to9
5max
1.5max
4typ
100typ
Unit
µA
mA
µA
V
V
V
MHz
pF
Conditions
VCB=1200V
VCB=1500V
VEB=6V
IC=10mA
VCE=5V, IC=1A
VCE=5V, IC=5A
IC=5A, IB=1.2A
IC=5A, IB=1.2A
VCE=12V, IE=–0.5A
VCB=10V, f=1MHz
2SC5002
(Ta=25°C)
(Ta=25°C)
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
200
RL
(
Ω)
50
IC
(A)
4
VBB2
(V)
–5
IB2
(A)
–1.6
tstg
(
µs)
4.0max
tf
(
µs)
0.2max
IB1
(A)
0.8
VBB1
(V)
10
External Dimensions FM100(TO3PF)
4.4
1.5
1.5
BE
C
5.45±0.1
ø3.3±0.2
1.75
2.15
1.05
+0.2
-0.1
5.45±0.1
15.6±0.2
5.5±0.2
3.45
3.35
0.65
+0.2
-0.1
±0.2
0.8
a
b
Weight : Approx 6.5g
a. Type No.
b. Lot No.
h FE– I C Characteristics (Typical)
I C– V BE Temperature Characteristics (Typical)
VCE(sat)–IC Characteristics (Typical)
Pc – T a Derating
0
7
6
4
2
0
1.5
0.5
1.0
Base-Emittor Voltage V BE(V)
(V CE=5V)
80
60
40
20
3.5
0
0
5 0
100
150
Ambient Temperature Ta(˚C)
Without Heatsink
Safe Operating Area (Single Pulse)
500
100
1000
1
10
20
5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
0.02
0.1
0.05
0.5
1
5
7
2
5
10
100
50
Collector Current I C(A)
(V CE=5V)
125˚C
25˚C
–30˚C
t stg•t f– I C Characteristics (Typical)
0.2
1
5
0.5
7
0.1
0.5
5
20
10
1
Collector Current I C(A)
t stg
t f
V CC=200V
I C :I B1:– I B2 =5 :1: 2
100
µs
0
3
2
1
0.02
0.1
0.5
1
1 0
5
Collector Current I C(A)
(I C:I B= 5 :1)
Reverse Bias Safe Operating Area
100
500
50
2000
1000
1
0.5
0.1
10
20
5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
L=3mH
–IB2=1A
Duty:less than 1%
Time t(ms)
0.1
1
3
0.5
1
1 0
100
1000
2000
θj-a–t Characteristics
I C– V CE Characteristics (Typical)
0
0
2
1
7
3
4
5
6
2
13
4
Collector-Emitter Voltage V CE(V)
1.5A
1.2A
400mA
700mA
200mA
I B=100mA
.
.


Similar Part No. - 2SC5002

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC5002 SAVANTIC-2SC5002 Datasheet
182Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC5002 JMNIC-2SC5002 Datasheet
241Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC5002 ISC-2SC5002 Datasheet
186Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC5002 SAVANTIC-2SC5002 Datasheet
184Kb / 4P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC5002 NJSEMI-2SC5002 Datasheet
133Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC5002

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC3679 SANKEN-2SC3679 Datasheet
25Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC3830 SANKEN-2SC3830 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC3832 SANKEN-2SC3832 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC4020 SANKEN-2SC4020 Datasheet
23Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC4297 SANKEN-2SC4297 Datasheet
25Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC4299 SANKEN-2SC4299 Datasheet
25Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC4300 SANKEN-2SC4300 Datasheet
26Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC5003 SANKEN-2SC5003 Datasheet
25Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Display Horizontal Deflection Output, Switching Regulator and General Purpose)
2SC5071 SANKEN-2SC5071 Datasheet
25Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC5124 SANKEN-2SC5124 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Display Horizontal Deflection Output, Switching Regulator and General Purpose)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com