Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM01 Datasheet(PDF) 1 Page - Sanken electric

Part # AM01
Description  Rectifier Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

AM01 Datasheet(HTML) 1 Page - Sanken electric

  AM01 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.5
0.7
0.9
1.1
1.3
0.3
1.5
1.7
Ta 150
°C
=
60
°C
100
°C
25
°C
0.1
0.3
10
1
0.01
0.001
0.1
10
1
0.01
0.001
50
0.1
10
1
0.01
0.001
40
0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1
Ta 150
°C
=
60
°C
100
°C
25
°C
0.3
0.5
0.7
0.9
1.0
2.4
±0.1
0.57 ±
0.02
Cathode Mark
Cathode Mark
Cathode Mark
2.7
±0.2
0.6 ±
0.05
2.7
±0.2
0.78 ±
0.05
0
1
5
45
30
50
10
20
20ms
10
40
0
1
5
45
30
50
10
20
20ms
10
40
EM1B
EM1C
EM 1Y
EM 1Z
EM 1
EM 1A
0
1
5
35
20
50
10
10
20ms
30
AM01 series
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
EM01 series
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
EM 1 series
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
L =10 mm
L =10 mm
P. C. B.
180•100•1.6 t
10mm
Rectifier Diodes
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IF (AV)
(A)
IFSM
(A)
VF
(V)
IF
(A)
VR =VRM
max
VR =VRM
Ta =100
°C max
IR
(
µA)
IR (H)
(
µA)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta =25
°C)
(g)
Mass
Others
AM01Z
200
AM01
400
AM01A
600
EM01Z
200
EM01
400
EM01A
600
EM 1Y
100
EM 1Z
200
EM 1
400
EM 1A
600
EM 1B
800
EM 1C
1000
1.0
1.0
1.0
1.0
10
22
0.13
35
45
45
35
20
100
50
0.98
–40 to +150
A
1.0
20
0.2
0.97
B
1.0
17
0.3
0.97
C
Ta 100
°C
=
60
°C
25
°C
13
Fig.
50Hz
Half-cycle Sinewave
Single Shot
Forward Voltage
VF (V)
VF—IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
External Dimensions
(Unit: mm)
Flammability:
UL94V-0 or Equivalent
A
Fig.
B
Fig.
C
Fig.
Solder
Copper Foil
(
°C/W)
Rth (j- )


Similar Part No. - AM01

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AM01 SANKEN-AM01 Datasheet
23Kb / 1P
Rectifier Diodes
AM01 SANKEN-AM01 Datasheet
155Kb / 3P
Rectifier Diodes
AM01A SANKEN-AM01A Datasheet
23Kb / 1P
Rectifier Diodes
AM01JB SANKEN-AM01JB Datasheet
210Kb / 5P
Transient Voltage Suppressor
AM01Z SANKEN-AM01Z Datasheet
23Kb / 1P
Rectifier Diodes
More results

Similar Description - AM01

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2J114 PANASONIC-MA2J114 Datasheet
40Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
Rectifier diodes
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
Rectifier diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
Rectifier Diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
Rectifier Diodes
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
Rectifier Diodes
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
Rectifier Diodes
TS6B01G KEXIN-TS6B01G Datasheet
688Kb / 2P
Rectifier Diodes
US3A KEXIN-US3A Datasheet
607Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_15 Datasheet
353Kb / 7P
Rectifier diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com