Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2Z Datasheet(PDF) 1 Page - Sanken electric

Part # RN2Z
Description  Ultra-Fast-Recovery Rectifier Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

RN2Z Datasheet(HTML) 1 Page - Sanken electric

  RN2Z Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Lead Temperature T (
°C)
Lead Temperature T (
°C)
IF(AV)—T Characteristics
IF(AV)—T Characteristics
EN01Z
RN 1Z
RN 2Z
t / T
1/6
=
Half-cycle sinewave
t / T
1/ 3
=
t / T
1/2
=
DC
0
0
1.0
2.0
2.0
1.5
0.5
t
T
1.0
0.5
1.5
100
0
1.0
0.5
110
120
130
140
150
t
T
Tj =150ºC
VR= 200V
DC
t / T
1/6
=
t / T
1/ 3
=
Half-cycle sinewave
t / T
1/2
=
10
1
0.1
0.01
0.001
0
0.2
0.8
1.4
1.2
1.0
0.6
0.4
50
0
0
0.5
1.0
1.5
Half-cycle sinewave
t / T
1/ 3
=
t / T
1/2
=
DC
t / T
1/6
=
1.0
0.5
t
T
10
1
0.1
0.01
0.001
0
0.2
0.8
1.4
1.2
1.0
0.6
0.4
50
10
1
0.1
0.01
0.001
0
0.2
0.8
1.4
1.2
1.0
0.6
0.4
50
DC
t / T
1/6
=
t / T
1/ 3
=
Half-cycle sinewave
t / T
1/2
=
t
T
100
0
1.5
0.5
110
120
130
140
150
1.0
DC
t / T
1/6
=
t / T
1/ 3
=
Half-cycle sinewave
t / T
1/2
=
100
0
2.0
1.0
110
120
130
140
150
t
T
1.5
0.5
t / T
1/6
=
Half-cycle sinewave
t / T
1/ 3
=
t / T
1/ 2
=
DC
t
T
0
0
0.5
1.5
2
1
1.0
2.7
±0.2
0.6±
0.05
Cathode Mark
4.0
±0.2
0.98
±0.05
Cathode Mark
4.0
±0.2
0.78
±0.05
Cathode Mark
Ta =
60ºC
100ºC
25ºC
Ta =
60ºC
100ºC
25ºC
150ºC
Ta =
150ºC
150ºC
60ºC
100ºC
25ºC
VR =VRM
Tj =150
°C max
Ultra-Fast-Recovery Rectifier Diodes
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IF (AV)
(A)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
IF
/IRP
(mA)
VR =VRM
max
IR
(
µA)
IR (H)
(mA)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta =25
°C)
(
°C/W)
(g)
Mass
Others
EN01Z
200
RN 1Z
200
RN 2Z
200
1.0
1.5
50
1
1.5
0.92
2
10
20
2.0
60
70
50
2
3
4
100
100/100
100/200
–40 to +150
50
15
0.4
B
20
0.2
A
12
0.6
C
48
Fig.
50Hz
Half-cycle Sinewave
Single Shot
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Average Forward Current
IF(AV) (A)
PF(AV)—IF(AV) Characteristics
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Average Forward Current
IF(AV) (A)
PF(AV)—IF(AV) Characteristics
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Average Forward Current IF(AV) (A)
PF(AV)—IF(AV) Characteristics
External Dimensions
(Unit: mm)
Flammability:
UL94V-0 or Equivalent
A
Fig.
B
Fig.
C
Fig.
trr
Œ
(ns)
trr

(ns)
Rth (j- )
IF(AV)—T Characteristics
Lead Temperature T (
°C)
Tj =150ºC
VR= 200V
Tj =150ºC
VR= 200V
Tj =150
°C
Tj =150
°C
Tj =150
°C


Similar Part No. - RN2Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RN2Z SANKEN-RN2Z Datasheet
109Kb / 3P
Ultra-Fast-Recovery Rectifier Diode
logo
Galaxy Semi-Conductor H...
RN2Z BILIN-RN2Z Datasheet
62Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
RN2Z SEMTECH_ELEC-RN2Z Datasheet
186Kb / 1P
SILICON RECTIFIER DIODE
logo
Shenzhen Luguang Electr...
RN2Z LUGUANG-RN2Z Datasheet
1Mb / 2P
High Efficiency Rectifiers
logo
Galaxy Semi-Conductor H...
RN2ZZ BILIN-RN2ZZ Datasheet
62Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results

Similar Description - RN2Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
MUR2060F YANGJIE-MUR2060F Datasheet
142Kb / 4P
Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com