Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EU2 Datasheet(PDF) 1 Page - Sanken electric

Part # EU2
Description  Fast-Recovery Rectifier Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

EU2 Datasheet(HTML) 1 Page - Sanken electric

  EU2 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
0
1
5
50
10
15
10
5
20ms
0.3
0.5
0.7
0.9
1.1
0.1
1.3
Ta 150ºC
=
60ºC
100ºC
25ºC
0.4
0.6
0.8
1.0
1.2
0.2
Ta 150ºC
=
70
ºC
100
ºC
25
ºC
2.7
±0.2
0.78 ±
0.05
Cathode Mark
0
1
5
50
10
25
10
5
20ms
15
20
0
25
50
75
100
125
150
0
0.3
0.6
0.9
1.2
0
25
50
75
100
125
150
0
0.15
0.45
0.6
0.6
0.8
0.9
1.0
1.1
0.1
0.5
0.7
Ta
=130ºC
0.5
1.0
5.0
0.05
1.2
0
1
5
50
10
20ms
15
10
5
RF 1 series
0.3
RF 1 series
EU 2YX
EU 2 series
1
10
0.1
0.01
0.001
1
10
0.1
0.01
0.001
20
4.0
±0.2
0.78
±0.05
Cathode Mark
A
B
Fast-Recovery Rectifier Diodes
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IF (AV)
(A)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
IF
/IRP
(mA)
VR =VRM
max
VR =VRM
Ta =100
°C max
IR
(
µA)
IR (H)
(
µA)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta =25
°C)
(
°C/W)
(g)
Mass
Others
EU 2Z
200
EU 2
400
EU 2A
600
EU 2YX
100
RF 1Z
200
RF 1
400
RF 1A
600
RF 1B
800
1.0
15
1.4
1.0
10
300
0.4
10/10
10/20
–40 to +150
0.18
17
0.3
1.2
25
0.9
1.2
0.2
0.08
0.6
15
2.0
0.6
10
200
0.4
10/10
10/20
0.18
15
0.4
32
Fig.
50Hz
Half-cycle Sinewave
Single Shot
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
External Dimensions
(Unit: mm)
Flammability:
UL94V-0 or Equivalent
A
Fig.
B
Fig.
trr
Œ
(
µs)
trr

(
µs)
Rth (j- )


Similar Part No. - EU2

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
EU2 BILIN-EU2 Datasheet
113Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
EIC discrete Semiconduc...
EU2 EIC-EU2 Datasheet
48Kb / 2P
FAST RECOVERY
logo
NEC
EU2 NEC-EU2 Datasheet
926Kb / 7P
Miniature Relays
logo
Shenzhen Luguang Electr...
EU2 LUGUANG-EU2 Datasheet
180Kb / 2P
High Efficiency Rectifiers
logo
EIC discrete Semiconduc...
EU2-EU2Z EIC-EU2-EU2Z Datasheet
48Kb / 2P
EU2-EU2Z - EU2-EU2Z - EIC discrete Semiconductors
More results

Similar Description - EU2

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
Fast-Recovery Rectifier Diodes
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
FR301 EIC-FR301 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com