Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMB-G19 Datasheet(PDF) 2 Page - Sanken electric

Part # FMB-G19
Description  Schottky Barrier Diodes 90V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMB-G19 Datasheet(HTML) 2 Page - Sanken electric

  FMB-G19 Datasheet HTML 1Page - Sanken electric FMB-G19 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FMB-39
10
20
30
60
50
40
0
1
5
50
10
20ms
30
60
150
120
90
0
1
5
50
10
20ms
FMB-39M
50
10
1
0.1
0.01
0.001
0
0.2
0.4
0.6
0.8
1.0
1.2
50
10
1
0.1
0.01
0.005
0
40
80
100
120
60
20
VR=90V
Ta 125ºC
=
60ºC
100ºC
26ºC
26ºC
100ºC
Ta 125ºC
=
60ºC
t / T 1/ 3
=
t / T 1/2
=
D.C.
t / T 1/6
=
Sinewave
0
60
120
130
5
10
15
20
80
70
90
100
110
60
120
130
80
70
90
100
110
VR=90V
t / T 1/ 3
=
t / T 1/2
=
D.C.
t / T 1/6
=
Sinewave
0
3
6
9
12
15
107
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Case Temperature
Tc
(
°C)
Tc —IF(AV) Derating
Overcurrent Cycles
IFMS Rating
Case Temperature
Tc
(
°C)
Tc —IF(AV) Derating



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com