Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBG19 Datasheet(PDF) 1 Page - Sanken electric

Part # FMBG19
Description  Schottky Barrier Diodes 90V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMBG19 Datasheet(HTML) 1 Page - Sanken electric

  FMBG19 Datasheet HTML 1Page - Sanken electric FMBG19 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FMB-G19L
Schottky Barrier Diodes 90V
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IF (AV)
(A)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
Rth ( j-c)
IR
(mA)
IR (H)
(mA)
trr
(ns)
Tj
(
°C)
Tstg
(
°C)
Electrical Characteristics (Ta =25
°C)
(
°C/W)
(g)
Mass
Others
FMB-G19L
4.0
90
8.0
60
50
60
0.81
4.0
2.0
4.0
5.0
3.0
5.0
35
1 Chip
15
35
100 100/100
–40 to +150
4.0
2.1
2.0
5.5
FMB-29
FMB-29L
FMB-39
FMB-39M
A
C
B
7.5
10.0
50
10.0
15.0
60
15.0
20.0
150
10
20
50
40
30
0
1
5
50
10
20ms
FMB-29
FMB-29L
50
10
1
0.1
0.01
0
0.5
1.0
1.5
50
10
1
0.1
0.01
0.001
020
40
100
80
60
50
10
1
0.1
0.01
0
20
40
100
80
60
50
10
1
0.1
0.001
0.01
10
20
30
40
60
50
0
1
5
50
10
20ms
80
0
90
130
1
2
3
4
120
100
110
t / T 1/6
=
t / T 1/ 3
=
t / T 1/2
=
D.C.
Sinewave
Ta 125ºC
=
60ºC
100ºC
27ºC
25ºC
100ºC
Ta 125ºC
=
60ºC
50
10
1
0.1
0.01
0
0.5
1.0
1.5
0
0.5
1.0
1.5
10
1
0.1
0.01
0.001
0
20
40
100
80
60
Ta 125ºC
=
60ºC
100ºC
26ºC
25ºC
100ºC
Ta 125ºC
=
60ºC
Ta 125ºC
=
60ºC
100ºC
26ºC
100ºC
Ta 125ºC
=
60ºC
25ºC
VR=90V
10
20
30
40
60
50
0
1
5
50
10
20ms
0
60
70
120
130
2
4
6
8
90
80
100
110
t / T 1/ 3
=
t / T 1/2
=
D.C.
t / T 1/6
=
Sinewave
t / T 1/ 3
=
t / T 1/2
=
D.C.
t / T 1/6
=
Sinewave
0
80
110
130
1
2
3
4
120
90
100
106
3.3
1.35
10.0
0.85
2.54
2.54
4.2
2.8
C0.5
2.4
0.45
9.0
15.0
3.3
3.4
2.3
1.0
5.45
5.45
5.0
0.65
2.6
3.3
1.35
10.0
0.85
5.08
4.2
2.8
C 0.5
2.4
0.45
VR=VRM, Ta=100
°C
VR =VRM
50Hz
Half-cycle Sinewave
Single Shot
Fig.
Center-tap
Remarks
max per element
max per element
max per
element
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Case Temperature
Tc
(
°C)
Tc —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Case Temperature
Tc
(
°C)
Tc —IF(AV) Derating
External Dimensions
(Unit: mm) (Full-mold)
Flammability:
UL94V-0 or Equivalent
A
Fig.
B
Fig.
C
Fig.
+0.2
–0.1
+0.2
–0.1
+0.2
–0.1


Similar Part No. - FMBG19

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FMB FOX-FMB Datasheet
87Kb / 1P
CERAMIC SEAM SEALED SMD CRYSTAL
logo
Sanken electric
FMB-2204 SANKEN-FMB-2204 Datasheet
85Kb / 3P
Schottky Barrier Diodes
FMB-2206 SANKEN-FMB-2206 Datasheet
92Kb / 2P
Schottky Barrier Diodes
FMB-22H SANKEN-FMB-22H Datasheet
44Kb / 2P
Schottky Barrier Diodes 20V
FMB-22L SANKEN-FMB-22L Datasheet
44Kb / 2P
Schottky Barrier Diodes 20V
More results

Similar Description - FMBG19

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Sanken electric
AK09 SANKEN-AK09 Datasheet
43Kb / 2P
Schottky Barrier Diodes 90V
SFPB-56 SANKEN-SFPB-56 Datasheet
37Kb / 2P
Schottky Barrier Diodes (Surface Mount) 60V, 90V
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
logo
List of Unclassifed Man...
EK19 ETC1-EK19 Datasheet
43Kb / 2P
Schottky Barrier Diodes 90V
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Sanyo Semicon Device
SB0509V SANYO-SB0509V Datasheet
33Kb / 3P
Schottky Barrier Diode 90V, 0.5A Rectifier
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com