Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP-3FU Datasheet(PDF) 2 Page - Sanken electric

Part # FMP-3FU
Description  Damper diode (Diode modulation for Displays)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMP-3FU Datasheet(HTML) 2 Page - Sanken electric

  FMP-3FU Datasheet HTML 1Page - Sanken electric FMP-3FU Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10
40
30
20
50
0
1
5
50
10
20ms
5.5 ±0.2
3.45 ±0.2
0.8
3.35
0.65
3.3 ±0.2
15.6 ±0.2
1.75
2.5
1.05
5.45
5.45 ±
0.1
±0.1
A
B
AB
77
t / T=1/ 3
t / T=1/2
DC
t
T
0
30
25
5
12
3
4
20
15
10
0
5
0
5
4
3
2
1
0
150
25
50
75
100
125
Sinewave
t / T=1/ 3
t / T=1/2
DC
Sinewave
FMP-2FUR
A: Damper Diodes
B: Compensation diode
C 0.5
10.0
2.2
2.6
4.2
2.8
1.35
1.35
0.85
2.54
2.54
0.45
3.3
Overcurrent Cycles
IFMS Rating
Average Forward Current
IF(AV) (A)
IF(AV)—PF(AV) Characteristics
Case Temperature
Tc
(
°C)
Tc —IF(AV) Derating
External Dimensions
(Unit: mm) (Full-mold)
Flammability:
UL94V-0 or Equivalent
A
Fig.
B
Fig.
Tj =150ºC
+0.2
–0.1
+0.2
–0.1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com