Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP-G2FS Datasheet(PDF) 1 Page - Sanken electric

Part # FMP-G2FS
Description  Damper Diodes (For Display)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMP-G2FS Datasheet(HTML) 1 Page - Sanken electric

  FMP-G2FS Datasheet HTML 1Page - Sanken electric FMP-G2FS Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
IF
/IRP
(mA)
VR =VRM
max
VR =VRM
Ta =100
°C max
IR
(
µA)
IR (H)
(
µA)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta =25
°C)
(
°C/W)
(g)
Mass
Others
FMP-G2FS
5.0
2.0
5.0
10.0
50
100
25
100
500
500
(Tj =150
°C)
500
250
500
0.7
1.2
0.1
0.07
100/100
500/500
500/500
500/1000
100/200
500/1000
–40 to +150
–40 to +150
0.3
0.05
0.035
0.4
0.5
0.2
4.0
2.1
2.0
6.5
12.0
0.6
10.0
1.0
FMQ-G2FLS
FMQ-G2FS
B
C
D
A
0.5
1.0
1.8
2.8
2.4
2.7
3.5
3.6
10.0
0.5
1.0
5
50
20
1500
1300
1600
1700
FMQ-G5FMS
FMQ-G5GS
1.0
0.4
8.0
2.0
8.0
1800
FMP-G5HS
RG 2A2
RC 3B2
C
D
4.0
±0.2
0.98
±0.05
Cathode Mark
1.2
±0.05
5.2
±0.2
Cathode Mark
74
FMQ-G2FS
FMP-G2FS
FMQ-G2FLS
10
20
50
40
30
0
Overcurrent Cycles
1
5
50
10
20ms
IFMS Rating
Overcurrent Cycles
IFMS Rating
Overcurrent Cycles
IFMS Rating
10
20
50
40
30
0
1
5
50
10
20ms
10
20
50
40
30
0
1
5
50
10
20ms
5.5 ±0.2
3.45±0.2
0.8
3.35
0.65
3.3
15.6±0.2
1.75
1.05
5.45
5.45
±1.75
VF—IF Characteristics (Typical)
20
10
1
0.1
0.001
0.01
Forward Voltage VF (V)
0
0.5
1.0
1.5
2.0
Ta 125ºC
=
60ºC
100ºC
25ºC
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
70
0
90
150
1
2
4
3
5
130
110
IF(AV)—PF(AV) Characteristics
Average Forward Current
IF(AV) (A)
IF(AV)—PF(AV) Characteristics
Average Forward Current
IF(AV) (A)
IF(AV)—PF(AV) Characteristics
Average Forward Current
IF(AV) (A)
0
0
12
3
4
4
8
12
16
20
t / T 1/6
=
t / T 1/ 3, Sinewave
=
t / T 1/2
=
D.C.
5
T
t
t / T 1/6
=
t / T 1/2
=
D.C.
t / T=1/ 3, Sinewave
t /T=1/6
t /T=1/ 3
t / T=1/2
DC
t
T
0
30
25
10
246
8
20
15
10
0
5
0
10
8
6
4
2
0
150
25
50
75
100
125
Sinewave
t / T=1/6
t /T=1/ 3
t /T=1/2
DC
Sinewave
0
160
6
8
4
10
0
40
80
120
t /T=1/6
D.C.
2
t /T=1/3,
Sinewave
t / T=1/2
0
10
30
40
02
6
8
4
t / T=1/6
t/T=1/2
D.C.
10
20
T
t
t /T=1/3,
Sinewave
10.0
2.2
2.6
4.2
2.8
1.35
0.85
5.08
0.45
3.3
Damper Diodes (For Display)
50Hz
Half-cycle Sinewave
Single Shot
Fig. Remarks
For
Compen-
sation
External Dimensions
(Unit: mm) (Full-mold)
Flammability:
UL94V-0 or Equivalent
A
Fig.
B
Fig.
Fig.
Fig.
IF (AV)
(A)
trr
Œ
(
µs)
trr

(
µs)
Rth (j- )
Tj =150ºC
Tj =150ºC
+0.2
–0.1
+0.2
–0.1
Tj =150ºC


Similar Part No. - FMP-G2FS

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMP-G12S SANKEN-FMP-G12S Datasheet
26Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
List of Unclassifed Man...
FMP-G12S ETC1-FMP-G12S Datasheet
119Kb / 1P
ULTRA-FAST-RECOVERY RECTIFIER DIODES
logo
Sanken electric
FMP-G12S SANKEN-FMP-G12S Datasheet
109Kb / 3P
Ultra-Fast-Recovery Rectifier Diode
logo
List of Unclassifed Man...
FMP-G5HS ETC-FMP-G5HS Datasheet
69Kb / 2P
Damper Diodes
More results

Similar Description - FMP-G2FS

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMV-G5FS SANKEN-FMV-G5FS Datasheet
22Kb / 1P
Damper Diodes (For TV)
RH10F SANKEN-RH10F Datasheet
26Kb / 1P
Damper Diodes (For TV)
RS3FS SANKEN-RS3FS Datasheet
20Kb / 1P
Damper Diodes (For TV)
RU4D SANKEN-RU4D Datasheet
23Kb / 1P
Damper Diodes (For Display)
logo
List of Unclassifed Man...
FMU-G2FS ETC-FMU-G2FS Datasheet
69Kb / 2P
Damper Diodes
logo
Rugao Dachang Electroni...
RU4D DACHANG-RU4D_15 Datasheet
123Kb / 2P
Damper Diodes
BY228 DACHANG-BY228_15 Datasheet
120Kb / 2P
Damper Diodes
FR309 DACHANG-FR309_15 Datasheet
120Kb / 2P
Damper Diodes
logo
SiPower Inc.
TBY328 SIPOWER-TBY328 Datasheet
270Kb / 2P
Damper Diodes
TE2513 SIPOWER-TE2513 Datasheet
274Kb / 2P
Damper Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com