Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP-G5 Datasheet(PDF) 2 Page - Sanken electric

Part # FMP-G5
Description  Damper Diodes (For Display)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMP-G5 Datasheet(HTML) 2 Page - Sanken electric

  FMP-G5 Datasheet HTML 1Page - Sanken electric FMP-G5 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Lead Temperature T (
°C)
T —IF(AV) Characteristics
75
FMQ-G5FMS
FMQ-G5GS
10
20
50
40
30
0
1
5
50
10
20ms
10
20
50
40
30
0
1
5
50
10
20ms
FMP-G5HS
10
20
50
40
30
0
1
5
50
10
20ms
50
10
1
0.1
0.001
0.01
0
0.5
1.0
1.5
2.0
3.0
2.5
Ta 125ºC
=
60ºC
100ºC
25ºC
80
0
90
100
150
2
8
4
10
6
130
140
110 120
t / T 1/6
=
t / T 1/2
=
D.C.
0
0
24
6
8
5
10
15
20
25
t / T 1/6
=
t / T=1/ 3, Sinewave
t / T 1/2
=
D.C.
10
50
10
1
0.1
0.001
0.01
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
Ta 125ºC
=
60ºC
100ºC
25ºC
40
0
60
80
160
140
2
4
8
6
10
120
100
t / T 1/6
=
t / T 1/2
=
D.C.
T
t
0
0
24
6
8
10
20
30
40
t / T 1/6
=
t / T 1/2
=
D.C.
10
T
t
50
10
1
0.1
0.001
0.01
0
1.0
2.0
3.0
Ta 125ºC
=
60ºC
100ºC
25ºC
90
0
150
2
4
8
6
130
140
120
110
100
0
0
24
6
4
8
12
16
20
t / T 1/6
=
t / T 1/2
=
D.C.
8
T
t
t / T 1/6
=
t / T 1/2
=
D.C.
Overcurrent Cycles
IFMS Rating
VF—IF Characteristics (Typical)
Forward Voltage VF (V)
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
IF(AV)—PF(AV) Characteristics
Average Forward Current
IF(AV) (A)
Overcurrent Cycles
IFMS Rating
VF—IF Characteristics (Typical)
Forward Voltage VF (V)
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
IF(AV)—PF(AV) Characteristics
Average Forward Current
IF(AV) (A)
Overcurrent Cycles
IFMS Rating
VF—IF Characteristics (Typical)
Forward Voltage VF (V)
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
IF(AV)—PF(AV) Characteristics
Average Forward Current
IF(AV) (A)
t / T=1/ 3, Sinewave
t / T=1/ 3, Sinewave
t / T=1/ 3, Sinewave
t / T=1/ 3, Sinewave
t / T=1/ 3, Sinewave
t /T=1/2
t /T=1/6
t / T=1/3
, Half-cycle Sinewave
DC
RG 2A2
RC 3B2
4
16
12
8
20
0
1
5
50
10
20ms
1
4
3
2
5
0
1
5
50
10
20ms
90
100
130
120
110
140
150
1.0
0.8
0.6
0.4
0.2
0
10
1
0.1
0.01
0.001
0
1
2
3
4
5678
9
3
1
0.1
0.001
0.01
025
50
40
75
100
125
150
0
0.2
0.1
0.5
0.4
0.3
25ºC
100ºC
Ta=150ºC
60ºC
0.6
1.0
1.4
1.8
0.2
2.2
2.6
3.0
Ta 150ºC
=
60ºC
100ºC
25ºC
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
Tj =150ºC
Tj =150ºC
Tj =150ºC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com