Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN3Z Datasheet(PDF) 1 Page - Sanken electric

Part # RN3Z
Description  Ultra-Fast-Recovery Rectifier Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

RN3Z Datasheet(HTML) 1 Page - Sanken electric

  RN3Z Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PF(AV)—IF(AV) Characteristics
PF(AV)—IF(AV) Characteristics
Lead Temperature T (
°C)
Lead Temperature T (
°C)
IF(AV)—T Characteristics
IF(AV)—T Characteristics
VF—IF Characteristics (Typical)
RN 3Z
RN 4Z
t / T
1/6
=
Half-cycle sinewave
t / T
1/ 3
=
t / T
1/2
=
DC
DC
t / T
1/6
=
t / T
1/ 3
=
Half-cycle sinewave
t / T
1/2
=
t / T
1/6
=
Half-cycle sinewave
t / T
1/ 3
=
t / T
1/2
=
DC
DC
t / T
1/6
=
t / T
1/ 3
=
Half-cycle sinewave
t / T
1/2
=
10
1
0.1
0.01
0.001
0
0.2
0.8
1.4
1.2
1.0
0.6
0.4
50
10
1
0.1
0.01
0.001
0
0.2
0.8
1.4
1.2
1.0
0.6
0.4
50
0
0
13
100
0
110
120
130
140
150
0
0
100
0
110
120
130
140
150
t
T
t
T
t
T
t
T
1
2
3
2
1
2
3
1
2
3
4
5
12
3
1
2
3
1.2
±0.05
5.2
±0.2
Cathode Mark
1.4
±0.1
6.5
±0.2
Cathode Mark
150ºC
Ta =
60ºC
100ºC
25ºC
150ºC
Ta =
60ºC
100ºC
25ºC
B
VR =VRM
Tj =150
°C max
Ultra-Fast-Recovery Rectifier Diodes
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IF (AV)
(A)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
IF
/IRP
(mA)
VR =VRM
max
IR
(
µA)
IR (H)
(mA)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta =25
°C)
(
°C/W)
(g)
Mass
Others
RN 3Z
200
RN 4Z
200
3
3.5
80
0.92
3
50
120
3.5
6
6
100 100/100
100/200
–40 to +150
50
8
1.2
10
0.6
A
49
50Hz
Half-cycle Sinewave
Single Shot
Fig.
Forward Voltage VF (V)
Average Forward Current IF(AV) (A)
VF—IF Characteristics (Typical)
Forward Voltage VF (V)
Average Forward Current IF(AV) (A)
External Dimensions
(Unit: mm)
Flammability:
UL94V-0 or Equivalent
A
Fig.
B
Fig.
trr
Œ
(ns)
trr

(ns)
Rth (j- )
Tj =150ºC
VR= 200V
Tj =150ºC
VR= 200V
Tj =150ºC
Tj =150ºC


Similar Part No. - RN3Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RN3Z SANKEN-RN3Z Datasheet
109Kb / 3P
Ultra-Fast-Recovery Rectifier Diode
logo
Galaxy Semi-Conductor H...
RN3Z BILIN-RN3Z Datasheet
64Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Shenzhen Luguang Electr...
RN3Z LUGUANG-RN3Z Datasheet
170Kb / 2P
High Efficiency Rectifier
logo
Diode Semiconductor Kor...
RN3Z DSK-RN3Z Datasheet
279Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results

Similar Description - RN3Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
MUR2060F YANGJIE-MUR2060F Datasheet
142Kb / 4P
Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com