Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RO2C Datasheet(PDF) 1 Page - Sanken electric

Part # RO2C
Description  Rectifier Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

RO2C Datasheet(HTML) 1 Page - Sanken electric

  RO2C Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SANKEN ELECTRIC CO., LTD.
RM10Z
040722
1/3
61426-01
1 Scope
The present specifications shall apply to Sanken silicon diode, RM10Z.
2 Outline
Type
Silicon Rectifier Diode (Mesa type)
Structure
Resin Molded
Flammability : UL94V-0 (Equivalent)
Applications
Commercial Frequency Rectification, etc.
3 Absolute maximum ratings
No.
Item
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
250
2
Peak Reverse Voltage
VRM
V
200
3
Average Forward Current
IF(AV)
A
1.5
Refer to derating curve
in Section 6
4
Peak Surge Forward Current
IFSM
A
120
10ms.
Half sine wave, one shot
5
Junction Temperature
Tj
°C
-40 to +150
6
Storage Temperature
Tstg
°C
-40 to +150
4 Electrical characteristics (Ta=25°C, unless otherwise specified)
No.
Item
Symbol
Unit
Rating
Conditions
1
Forward Voltage Drop
VF
V
0.91 max.
IF=1.5A
2
Reverse Leakage Current
IR
µA
10 max.
VR=VRM
3
Reverse Leakage Current Under
High Temperature
H・IR
µA
50 max.
VR=VRM, Tj=100°C
4
Thermal Resistance
Rth(j-l)
°C/W
15 max.
Between Junction and Lead


Similar Part No. - RO2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RO2C ETC-RO2C Datasheet
70Kb / 2P
Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RO2C TAYCHIPST-RO2C Datasheet
832Kb / 1P
Rectifier Diodes
logo
Sanken electric
RO2C SANKEN-RO2C Datasheet
68Kb / 2P
Rectifier Diodes
More results

Similar Description - RO2C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2J114 PANASONIC-MA2J114 Datasheet
40Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
Rectifier diodes
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
Rectifier diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
Rectifier Diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
Rectifier Diodes
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
Rectifier Diodes
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
Rectifier Diodes
TS6B01G KEXIN-TS6B01G Datasheet
688Kb / 2P
Rectifier Diodes
US3A KEXIN-US3A Datasheet
607Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_15 Datasheet
353Kb / 7P
Rectifier diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com