Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF-0274 Datasheet(PDF) 2 Page - Sanken electric

Part # SCF-0274
Description  CCFL-Inverter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCF-0274 Datasheet(HTML) 2 Page - Sanken electric

  SCF-0274 Datasheet HTML 1Page - Sanken electric SCF-0274 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Symbol
Ratings
Unit
Parameter
VIN
IIN
fsw
IL
fPWM
PL
VO
10.8
—
50
—
—
240
—
1500
12
—
55
8.0
2.5
4.7
—
13.2
1500
60
—
—
300
—
—
V
mA
kHz
mArms
mArms
Hz
W
Vrms
VIN=12V
RL=73k
Ω
Per 1 lamp RL=73k
Ω, Vbr=0V
Per 1 lamp RL=73k
Ω, Vbr=2.5V
RL=73k
Ω
VIN=10.8V, RL=100M
Ω
sDimming characteristics
SCF-0274
sApplication
sAbsolute maximum ratings
12V
0 to 2.5V
H
SW
L
SW H: enable 2.5V to VIN
L : disable 0 to 0.5V
CN1
3
5
1
3
2
1
VIN
RL
Vrmt
Vbr
GND
Lamp-H
Lamp-L
Inverter Unit
CN2, 3
Cold-Cathode
Fluorescent Lamp
DC input voltage
On-Off voltage
Dimming voltage
Output power
Operating temp.
Storage temp.
Humidity
VIN
Vrmt
Vbr
PL
Topr
Tstg
RH
V
V
V
W
°C
°C
%RH
0 to 14.4
0 to 14.4
0 to 3.0
5.0
0 to 60
– 20 to 80
95
Remarks
Per 1 lamp
DC input voltage
Input current
Driving frequency
Output current
Dimming control frequency
Output Power
Open voltage
Ratings
Symbol
min
typ
max
Unit
Remarks
Maximum wet-bulb temp. 38
°C
No dew condensation
sElectrical characteristics
Conditions : at Topr=25
°C, VIN=12V (unless otherwise stated)
0.0
0.0
2.0
4.0
6.0
8.0
9.0
0.5
1.0
1.5
2.0
2.5
3.0
Dimming voltage (Vbr)
PWM Dimming Vbr=0 to 0.65V ➝ Duty 100%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com