Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-3000R Datasheet(PDF) 2 Page - Sanken electric

Part # SI-3000R
Description  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type with Reset Function
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3000R Datasheet(HTML) 2 Page - Sanken electric

  SI-3000R Datasheet HTML 1Page - Sanken electric SI-3000R Datasheet HTML 2Page - Sanken electric SI-3000R Datasheet HTML 3Page - Sanken electric SI-3000R Datasheet HTML 4Page - Sanken electric SI-3000R Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
53
Parameter
Input Voltage
Output Voltage
Dropout Voltage
Line Regulation
Load Regulation
Ripple Rejection
Quiescent Circuit
Current
Overcurrent Protection Starting
Current (Drooping Type)
Limited Current at Overcurrent
Protection Operation
DLY
Threshold
Terminal Source
Reset Threshold Voltage Level
(Voth: Threshold Output Voltage)
Reset Threshold Voltage Hysteresis
H-level Output Voltage
L-level Output Voltage
Sink Current at H level
Source Current at L level
sElectrical Characteristics
*1: VIN(max) and IO(max) are restricted by the relation PD(max)=(VIN-VO)•IO=18(W).
*2: Refer to the dropout voltage.(Refer to Setting DC Input Voltage on page 7.)
*3: IS1 is specified at –5(%) drop point of output voltage VO on the condition that VIN=8V, IO=1.0A.
*4: Reset signal output terminal VRST is an open-collector output. Use a pull-up resistor when connecting it to a logic circuit.
Unit
V
V
V
mV
mV
dB
mA
A
A
V
µA
%
mV
V
V
µA
mA
Symbol
VIN
VO
Conditions
VDIF
Conditions
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
RREJ
Conditions
Iq
Conditions
IS1
Conditions
IS2
Conditions
VDLyth
IDLY
Voth/VO
∆Voth
VRSTH
VRSTL
IRSTH
IRSTL
Ratings
SI-3050R
min.
typ.
max.
6*2
30*1
4.80
5.00
5.20
VIN=8V, IO=1.0A
0.5
IO
≤1.0A
1.0
IO
≤1.5A
30
VIN=6 to 15V, IO=1.0A
100
VIN=8V, IO=0 to 1.5A
54
VIN=8V, f=100 to 120HZ
1.5
5.0
VIN=8V, IO=0A
1.6
VIN=8V
1.6
VIN=8V
2.7
2.9
3.1
25
35
45
90
92
94
50
100
150
VCC–1
0.8
–20
–16
(Ta=25
°C unless otherwise specified)
qSI-3000R Series
VRST
Terminal*4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com