Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-3201S Datasheet(PDF) 2 Page - Sanken electric

Part # SI-3201S
Description  Switching Type Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3201S Datasheet(HTML) 2 Page - Sanken electric

  SI-3201S Datasheet HTML 1Page - Sanken electric SI-3201S Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
= 10V
V
18V
IN =
7V
=
0
4.85
0.5
1.0
1.5
2.0
2.5
3.0
4.90
4.95
5.00
5.05
5.10
5.15
4.85
4.90
4.95
5.00
5.05
5.10
0
5
10
15
20
25
30
35
I
0A
=
o
1A
=
2A
=
3A
=
0
40
50
60
70
80
90
0.5
1.0
1.5
2.0
2.5
3.0
= 10V
V
18V
IN =
7V
=
0
0
6
5
4
3
2
1
2468
10
I
0A
=
o
1A
2A
3A
=
=
=
0
6
5
4
3
2
1
0
1.0
2.0
3.0
4.0
5.0
T
100, 25, 20ºC
C =
--
+
0
0
6
5
4
3
2
1
1.0
2.0
3.0
4.0
5.0
V
18V
=
IN
10V
7V
=
=
–40
0
40
80
120
160
10
0
5
15
20
25
19
Output current IO (A)
s Line Regulation
Input voltage V IN (V)
Input voltage VIN (V)
s Load Regulation
s Rise Characteristics
s Overcurrent Protection Characteristics
Output current IO (A)
s Overcurrent Protection Temperature Characteristics
s Efficiency Curve
Output current IO (A)
Output current IO (A)
Operating temperature Ta (ºC)
s Ta—PD Characteristics
With silicone grease
Heatsink: aluminum
With infinite heatsink



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com