Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-5151S Datasheet(PDF) 2 Page - Sanken electric

Part # SI-5151S
Description  High-side Power Switch with Diagnostic Function
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-5151S Datasheet(HTML) 2 Page - Sanken electric

  SI-5151S Datasheet HTML 1Page - Sanken electric SI-5151S Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
0
10
5
10
20
30
40
--40ºC
95ºC
25ºC
VB (V)
VB (V)
0
0
10
10
20
30
40
20
30
T
--40
ºC
=
T
25
ºC
=
T
95
ºC
=
40
50
0
0
12
3
0.5
1.0
95
ºC
V =
6 to 16V
B
--40
ºC
25
ºC
IO (A)
0
0
12
3
16
10
14V
V =
B
2
4
6
8
12
14
IO (A)
0
0
12
3
16
10
8
14V
V =
B
12
14
4
2
6
IO (A)
0
0
12
3
16
10
2
14V
V =
B
14
12
4
6
8
IO (A)
0
0
12
10
20
15
5
2.2
95ºC
Ta =
25ºC
–40ºC
16V
=
B
V
1A
=
O
I
VIN (V)
–40
0
050
0.5
1.0
100
Ta (ºC)
14V
=
B
V
5V
=
IN
V
–40
0
50
100
Ta (ºC)
0
0.2
0.1
14V
=
B
V
–40
0
0
50
100
Ta (ºC)
14V
=
B
V
0V
=
IN
V
1
2
0
50
100
Ta (ºC)
0
150
10
16
2
4
6
8
12
14
2
4
6
1
3
5
Vo
DIAG
14V
=
B
V
10mA
=
O
I
a
a
a
21
s Quiescent Circuit Current
s Circuit Current
s Saturation Voltage of Output Transistor
s Overcurrent Protection Characteristics (Ta=25ºC)
s Overcurrent Protection Characteristics (Ta=100ºC)
s Input Current (Output OFF)
s Input Current (Output ON)
s Threshold input voltage
s Overcurrent Protection Characteristics (Ta= –40ºC)
s Saturation Voltage of DIAG Output
s Thermal Protection Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com