Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-5152S Datasheet(PDF) 1 Page - Sanken electric

Part # SI-5152S
Description  High-side Power Switch with Diagnostic Function
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-5152S Datasheet(HTML) 1 Page - Sanken electric

  SI-5152S Datasheet HTML 1Page - Sanken electric SI-5152S Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Parameter
Symbol
Unit
Conditions
Ratings
Absolute Maximum Ratings
Electrical Characteristics
Parameter
Symbol
min
typ
max
Unit
Conditions
Ratings
(Ta = 25ºC)
Power supply voltage
Input terminal voltage
DIAG terminal voltage
Collector-emitter voltage
Power Dissipation
Input voltage
Input current
Operating power supply voltage
Quiescent circuit current
Thermal protection starting
temperature
Open load detection resistor
Output transfer time
DIAG output leak current
Saturation voltage of DIAG output
DIAG output transfer time
(Ta=25ºC unless otherwise specified)
Saturation voltage of output
transistor
Junction temperature
Operating temperature
Storage temperature
VB
VIN
VDIAG
VBopr
VBopr =14V, VIN =0V
IO 1.0A, VBopr =6 to 16V
IO 1.8A, VBopr =6 to 16V
VBopr =6 to 16V
VBopr =6 to 16V
VIN =5V
VIN =0V
VBopr =14V, VO =VBopr –1.5V
VBopr =6 to 16V
VBopr 6V
VBopr =14V, IO =1A
VBopr =14V, IO =1A
VCC =6V, VBopr =6 to 16V
VCC =6V, VBopr= 6 to 16V, IDO =2mA
VBopr =14V, IO =1A
VBopr =14V, IO =1A
V
5
12
6.0
30
mA
0.5
V
1.0
V
VB
V
0.8
V
1mA
30
8
30
15
30
100
0.3
30
30
mA
150
ºC
k
µS
µS
µA
V
µS
µS
Iq
Output leak current
VCEO =16V, VIN =0V
2.0
–0.3
–0.1
2mA
IO, leak
VCE (sat)
VIH
VIL
IIH
IIL
TTSD
Overcurrent protection starting
current
1.9
A
IS
Ropen
TON
TOFF
IDIAG
VDL
Minimum load inductance
mH
L1
TPLH
TPHL
VCE
PD1
PD2
Tj
TOP
Tstg
Output ON
Output OFF
Output ON
Output OFF
V
V
With infinite heatsink (Tc=25ºC)
Stand-alone without heatsink
V
V
W
W
ºC
ºC
ºC
40
–0.3 to VB
6
40
Output current
IO
A
1.8
22
1.8
–40 to +150
–40 to +100
–40 to +150
Note:
* The rule of protection against reverse connection of power supply is VB = –13V, one minute
(all terminals except, VB and GND, are open).
Standard Circuit Diagram
Diagnostic Function
External Dimensions (unit: mm)
Features
q Built-in diagnostic function to detect short and open circuiting of loads and
output status signals
q Low saturation PNP transistor use
q Allows direct driving using LS-TTL and C-MOS logic levels
q Built-in overcurrent and thermal protection circuits
q Built-in protection against reverse connection of power supply
q Tj = 150ºC guaranteed
q TO-220 equivalent full-mold package not require insulation mica
12
3
4
5
P1.7
• 4
0.85
+0.2
–0.1
+0.2
–0.1
0.94
0.45
4
2.6
10
4.2
2.8
3.2
a
b
SI-5152S
PZ
DIAG
5.1k
GND
1
4
3
5
2
VIN
VIN
VO
HH
LL
VO
VCC
VIN
DIAG
VB
LS-TTL
or
CMOS
VIN
VO
DIAG
Normal
Normal
Open load
Overheat
Shorted load
Truth table
Open load
Normal
Mode
Shorted load
Overheat
L
H
VO
L
H
L
H
L
H
H
H
H
H
L
H
L
L
L
L
L
H
L
L
L
L
1. GND
2. VIN
3. Vo
4. DIAG
5. VB
a: Type No.
b: Lot No.
q DIAG output will be undetermined when a voltage
exceeding 25V is applied to VB terminal.
(Forming No. 1111)
22
High-side Power Switch with Diagnostic Function SI-5152S
±0.6
±0.1
±0.2
±0.2
±0.2
±0.15
±0.15
±0.2


Similar Part No. - SI-5152S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-5151S SANKEN-SI-5151S Datasheet
28Kb / 2P
High-side Power Switch with Diagnostic Function
SI-5153S SANKEN-SI-5153S Datasheet
27Kb / 2P
High-side Power Switch with Diagnostic Function and Built-in Zener Diode
SI-5154S SANKEN-SI-5154S Datasheet
28Kb / 2P
High-side Power Switch with Diagnostic Function and Built-in Zener Diode
SI-5155S SANKEN-SI-5155S Datasheet
28Kb / 2P
High-side Power Switch with Diagnostic Function
More results

Similar Description - SI-5152S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-5151S SANKEN-SI-5151S Datasheet
28Kb / 2P
High-side Power Switch with Diagnostic Function
SI-5153S SANKEN-SI-5153S Datasheet
27Kb / 2P
High-side Power Switch with Diagnostic Function and Built-in Zener Diode
SI-5154S SANKEN-SI-5154S Datasheet
28Kb / 2P
High-side Power Switch with Diagnostic Function and Built-in Zener Diode
SI-5155S SANKEN-SI-5155S Datasheet
28Kb / 2P
High-side Power Switch with Diagnostic Function
logo
Rohm
BM2LE080FJ-C ROHM-BM2LE080FJ-C Datasheet
2Mb / 28P
Automotive IPD 2ch Low Side Switch with Output Diagnostic Function
16.Mar.2022 Rev.001
BM2LE250FJ-C ROHM-BM2LE250FJ-C Datasheet
1Mb / 28P
Automotive IPD 2ch Low Side Switch with Output Diagnostic Function
16.Mar.2022 Rev.001
BV1LE040EFJ-C ROHM-BV1LE040EFJ-C Datasheet
2Mb / 28P
Automotive IPD 1ch Low Side Switch with Output Diagnostic Function
08.Feb.2022 Rev.001
BV1LE080EFJ-C ROHM-BV1LE080EFJ-C Datasheet
2Mb / 28P
Automotive IPD 1ch Low Side Switch with Output Diagnostic Function
08.Feb.2022 Rev.001
BV1LD040EFJ-C ROHM-BV1LD040EFJ-C Datasheet
2Mb / 28P
Automotive IPD 1ch Low Side Switch with Output Diagnostic Function
20.Feb.2023 Rev.001
BV1LD160EFJ-C ROHM-BV1LD160EFJ-C Datasheet
2Mb / 28P
Automotive IPD 1ch Low Side Switch with Output Diagnostic Function
20.Feb.2023 Rev.001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com