Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-7115B Datasheet(PDF) 2 Page - Sanken electric

Part # SI-7115B
Description  Unipolar Driver ICs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-7115B Datasheet(HTML) 2 Page - Sanken electric

  SI-7115B Datasheet HTML 1Page - Sanken electric SI-7115B Datasheet HTML 2Page - Sanken electric SI-7115B Datasheet HTML 3Page - Sanken electric SI-7115B Datasheet HTML 4Page - Sanken electric SI-7115B Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
34
SI-7115B
s External dimensions
(Unit: mm)
Application Note
s Determining the output current Io (motor coil current)
The output current Io can be set to any value by connecting
an external resistor RX across pin 3 and all of pins 2, 4 and
5.
Fig. A, B and C show the relationship between the
external resistor and the output current, the supply voltage
and the output current, and the output current and the
temperature, respectively.
Output current IO
Output current IO
RX
0.31 to 0.39 (A/ø)
200 (
Ω)
0.95 to 1.05 (A/ø)
1.4 (k
Ω)
Condition VCC = 24V, Ta = 25
°C
2-phase excitation
Holding mode
Motor: 23PM-C109
Fig. A SI-7115B External resistor vs. Output current
Fig. B SI-711B Supply voltage vs. Output current
Fig. C SI-7511B Output current vs. Temperature
Dimensions of SI-7115B pins
11.5±1
4
Plastic package
71.7±0.5
60.3±0.4
Type No.
Lot No.
43.2
P=2.54
0.5
3.4
9.0±0.6
Aluminum
plate
12 3
18
φ
03
4
1.5
1.0
0.5
0
External resistor Rx (k
Ω)
VCC
Rt
Motor : 23PM-C109
24(V)
3.6(
Ω)
0
2022
242628
30
0
0.5
1.0
1.5
Supply voltage VCC (V)
100
Ω
300
Ω
600
Ω
1k
Ω
2k
Ω
Rx
Motor : 23PM-C109
3.9k
Ω
0
100
80
60
40
20
0
0.5
1.0
1.5
Case (aluminium base plate) temperature Tc (°C)
Motor : 103G-775-1240
VCC = 24V
RX = 1.4k
Ω
RX = 560
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com