Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLA2502M Datasheet(PDF) 2 Page - Sanken electric

Part # SLA2502M
Description  4-circuit High-side Power Switch Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA2502M Datasheet(HTML) 2 Page - Sanken electric

  SLA2502M Datasheet HTML 1Page - Sanken electric SLA2502M Datasheet HTML 2Page - Sanken electric SLA2502M Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
010
20
30
0
20
50
–40ºC
25ºC
125ºC
VIN =0V
VB =
VIN =0V
40
VB (V)
30
10
60
46
40
01
2
0
15
IO (A)
10
5
20
3
01
2
0
15
VIN (V)
10
5
20
3
–50
0
50
100
0
0.2
Ta (ºC)
0.1
0.3
150
0
–50
100
50
0
2
Ta (ºC)
1
3
150
010
20
30
0
150
VB (V)
100
50
200
46
40
0
1
2
0
IO (A)
0.5
VB
Ta =
(VB =14V)
Ta =
1.0
3
Ta =
25ºC
125ºC
–40ºC
Ta =
125ºC
25ºC
–40ºC
18V
14V
6V
VB =
VB =14V
VIN =0V
2
1
05
4
3
0
0.4
0.3
0.2
0.1
VIN (V)
0.5
6
01
2
0
15
IO (A)
10
5
20
3
18V
14V
6V
VB =
01
2
0
15
IO (A)
10
5
20
4
3
18V
14V
6V
125ºC
–40ºC
VB =14V
–40ºC
Ta =
125ºC
VB =14V
IDIAG =3mA
010
20
30
0
VB (V)
10
20
46
40
VO shorted
VO open
VIN =0V
Ta =–40V
25V
125V
35
50
0
100
150
0
15
10
5
Ta (ºC)
200
VB =14V, IO =10mA
s Circuit Current (single circuit)
s Circuit Current (4 circuits)
s Saturation Voltage of Output Transistor
s Overcurrent Protection Characteristics (Ta=25ºC)
s Overcurrent Protection Characteristics (Ta=125ºC)
s Input Sink Current (Output Hi)
s Input Current (Output OFF)
s Threshold Input Voltage
s Overcurrent Protection Characteristics (Ta=–40ºC)
s Quiescent Circuit Current (dual circuit)
s Thermal Protection Characteristics
s Saturation Voltage of DIAG Output
25ºC
25ºC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com