Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-8301L Datasheet(PDF) 2 Page - Sanken electric

Part # SI-8301L
Description  Switching Type(Self Oscillation Type with Coil)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8301L Datasheet(HTML) 2 Page - Sanken electric

  SI-8301L Datasheet HTML 1Page - Sanken electric SI-8301L Datasheet HTML 2Page - Sanken electric SI-8301L Datasheet HTML 3Page - Sanken electric SI-8301L Datasheet HTML 4Page - Sanken electric SI-8301L Datasheet HTML 5Page - Sanken electric SI-8301L Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
28
Parameter
Symbol
Unit
Parameter
Symbol
Unit
SI-8200L/8300L Series
Output Voltage
V
Efficiency
%
Line Regulation
mV
Load Regulation
mV
∆VO/∆T
±1.5
±1.5
±1.5
±1.5
±0.5 ±1.5 mV/°C
mVp-p
s Electrical Characteristics (Ta=25
°C)
Output Voltage
V
Efficiency
%
Line Regulation
mV
Load Regulation
mV
∆VO/∆T
±1.5
±1.5
±1.5
±1.5 mV/°C
mVp-p
Ratings
SI-8200L Series
SI-8201L
SI-8202L
SI-8203L
SI-8204L
SI-8221L
min
typ max min
typ max min
typ max min
typ max min
typ max
VO
4.9
5.0
5.1
5.9
6.0
6.1
11.8 12.0 12.2
5.1
5.2
5.3
4.85 5.00 5.15
Condition VIN=15V, IO=0.2A
VIN=20V, IO=0.2A
VIN=25V, IO=0.2A
VIN=15V, IO=0.2A
VIN=15V, IO=0.2A
η
73
74
79
73
76
80
Condition VIN=15V, IO=0.2A
VIN=20V, IO=0.2A
VIN=25V, IO=0.2A
VIN=15V, IO=0.2A
VIN=15V, IO=0.2A
Switching Frequency
f
25
25
25
25
25
kHz
∆VOLINE
15
60
15
60
15
60
15
60
5
15
Condition VIN=10 to 20V, IO=0.2A VIN=11 to 29V, IO=0.2A VIN=16 to 34V, IO=0.2A VIN=10 to 20V, IO=0.2A VIN=10 to 20V, IO=0.2A
∆VOLOAD
15
60
15
60
60
100
15
60
15
60
Condition VIN=15V, IO=0.02 to 0.25A VIN=20V, IO=0.02 to 0.3A VIN=25V, IO=0.02 to 0.35A VIN=15V, IO=0.02 to 0.25A VIN=15V, IO=0.02 to 0.25A
Temperature Coefficient
of Output Voltage
Switching Ripple Voltage
∆Vr
30
60
30
60
100
30
30
60
(C2=470
µF)
Condition VIN=25V, IO=0.3A
VIN=25V, IO=0.3A
VIN=40V, IO=0.35A
VIN=25V, IO=0.3A
VIN=25V, IO=0.3A
Ratings
SI-8200L Series (high-VIN type)
SI-8300L Series
SI-8211L
SI-8213L
SI-8301L
SI-8303L
min
typ
max
min
typ
max
min
typ
max
min
typ
max
VO
4.9
5.0
5.1
11.8
12.0
12.2
5.0
5.1
5.2
5.3
5.4
5.5
Condition
VIN=35V, IO=0.2A
VIN=38V, IO=0.2A
VIN=15V, IO=0.5A
VIN=15V, IO=0.5A
η
63
78
73
73
Condition
VIN=35V, IO=0.2A
VIN=38V, IO=0.2A
VIN=15V, IO=0.5A
VIN=15V, IO=0.5A
Switching Frequency
f
25
25
25
25
kHz
∆VOLINE
60
60
50
50
Condition VIN=20 to 50V, IO=0.2A
VIN=22 to 50V, IO=0.2A
VIN=10 to 20V, IO=0.5A
VIN=10 to 20V, IO=0.5A
∆VOLOAD
60
60
80
80
Condition VIN=35V, IO=0.02 to 0.3A VIN=38V, IO=0.02 to 0.28A VIN=15V, IO=0.3 to 0.7A
VIN=15V, IO=0.3 to 0.7A
Temperature Coefficient
of Output Voltage
Switching Ripple Voltage
∆Vr
30
60
50
100
45
45
(C2=470
µF)
Condition
VIN=48V, IO=0.3A
VIN=48V, IO=0.28A
VIN=15V, IO=0.5A
VIN=15V, IO=0.5A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com