Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLA4313 Datasheet(PDF) 2 Page - Sanken electric

Part # SLA4313
Description  NPN PNP Silicon Epitaxial Planar
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA4313 Datasheet(HTML) 2 Page - Sanken electric

  SLA4313 Datasheet HTML 1Page - Sanken electric SLA4313 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
99
□Characteristic Curves
VBE(sat)−IC Temperature Characteristics
(Typical PNP) (IC/IB=10)
−1.5
Collector Current IC (A)
−0.2
−0.5
−5
−1.0
−0.5
0
−1
3
2
1
0
VCE(sat)−IB Characteristics
 
(Typical NPN)
VCE(sat)−IC
Temperature Characteristics
(Typical PNP) (IC/IB=10)
−10
Collector Current IC (A)
−0.2
−0.5
−1
−5
−0.5
0
Base-Emitter Voltage VBE (V)
0
0.5
1.0
1.5
1
4
3
2
0
IC−VBE
Temperature Characteristics
(Typical NPN) (VCE=4V)
VCE(sat)−IC
Temperature Characteristics
 (Typical NPN) (IC/IB=10)
1000
500
100
50
20
Collector Current IC (A)
−0.02 −0.05−0.1
−0.5 −1
−5 −10
1000
hFE−IC Temperature Characteristics
(Typical NPN) (VCE=4V)
500
100
50
20
Collector Current IC (A)
0.02
0.05
0.1
0.5
1
5
10
hFE−IC Temperature Characteristics
(Typical PNP) (VCE=−4V)
Base-Emitter Voltage VBE (V)
0
−0.5
−1.0
−1.5
−1
−4
−3
−2
0
IC−VBE
Temperature Characteristics
(Typical PNP) (VCE=−4V)
Base Current IB (mA)
3
500
50
5
10
100
VBE(sat)−IC Temperature Characteristics
 
(Typical NPN) (IC/IB=10)
1.5
Collector Current IC (A)
0.2
0.5
5
10
1.0
0.5
0
1
Ta=125
˚C
75
˚C
25
˚C
10
Collector Current IC (A)
0.2
0.5
1
5
10
0.5
0
IC=4A
IC=2A
−1.5
−
1.0
−0.5
0
VCE(sat)−IB Characteristics
 
(Typical PNP)
Base Current IB (mA)
−2
−500
−50
−5 −10
−100
Ta=125
˚C
25
˚C
75˚C
Ta=125
˚C
25˚
C
75˚C
Ta=125
˚C
25
˚C
Ta=25˚C
125˚C
75˚C
Ta=25˚C
125˚C
75˚C
75˚C
75˚C
75˚C
IC=−1A
IC=−2A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com