Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0855055014 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0855055014
Description  Modular Jack, Right Angle, Low Profile, Shielded, 8/8, Cat5e, With Shield Spring, Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0855055014 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0855055014 Datasheet HTML 1Page - Molex Electronics Ltd. 0855055014 Datasheet HTML 2Page - Molex Electronics Ltd. 0855055014 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0855055014
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Right Angle, Low Profile, Shielded, 8/8, Cat5e, With Shield Spring, Tube
Documents:
3D Model
Product Specification PS-85505-101 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification (PDF)
Agency Certification
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
85505
Comments
External Shield
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
5e
Power over Ethernet (PoE)
N/A
Product Name
RJ45
Physical
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
No
Lightpipes/LEDs
None
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Right Angle (Side Entry)
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
50.8
Plating min: Mating (µm)
1.27
Plating min: Termination (µin)
76
Plating min: Termination (µm)
1.9
Ports
1
Positions / Loaded Contacts
8/8
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +80°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire/Cable Type
N/A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
85505Series
Mates With
FCC 68 Plugs


Similar Part No. - 0855055014

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0855055002 MOLEX9-0855055002 Datasheet
121Kb / 3P
Modular Jack, Right Angle, Low Profile, Shielded, 8/8, Cat5e, Through Hole, Version A, Tape and Reel
0855055002 MOLEX1-0855055002_18 Datasheet
36Kb / 2P
Modular Jack, Cat5e, Right Angle, Low Profile, Through Hole, 8/8, Shielded, Version A
More results

Similar Description - 0855055014

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0441500035 MOLEX6-0441500035 Datasheet
423Kb / 5P
Modular Jack, Right Angle, Low Profile, 8/8, 10 Ports with Shield
0446611021 MOLEX6-0446611021 Datasheet
400Kb / 6P
Modular Jack, Right Angle, Low Profile, Shielded, 8/8
0855425003 MOLEX9-0855425003 Datasheet
130Kb / 3P
Modular Jack, Right Angle, Low Profile, Shielded, 8/8
0855055113 MOLEX9-0855055113 Datasheet
144Kb / 3P
Modular Jack, Right Angle, Low Profile, Fully Shielded, 8/8, Cat5e, Through Hole, Version A, Tube
0955406886 MOLEX11-0955406886 Datasheet
136Kb / 3P
Modular Jack, Right Angle, Shielded, Low Profile, 8/8
0955406880 MOLEX11-0955406880 Datasheet
129Kb / 3P
Modular Jack, Right Angle, Shielded, Low Profile, 8/8
0955402881 MOLEX11-0955402881 Datasheet
125Kb / 3P
Modular Jack, Right Angle, Shielded, Low Profile, 8/8
0955406888 MOLEX11-0955406888 Datasheet
136Kb / 3P
Modular Jack, Right Angle, Shielded, Low Profile, 8/8
0446610021 MOLEX1-0446610021_18 Datasheet
35Kb / 2P
Modular Jack, Right Angle, Low Profile, Shielded, 8/8
0855437003 MOLEX1-0855437003 Datasheet
34Kb / 2P
Modular Jack, Cat5e, Right Angle, Through Hole, 8/8, Shielded, Spring, 13" Reel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com