Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF321M Datasheet(PDF) 2 Page - Sanken electric

Part # TF321M
Description  TO-220 3A Thyristor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TF321M Datasheet(HTML) 2 Page - Sanken electric

  TF321M Datasheet HTML 1Page - Sanken electric TF321M Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.3
0.5
1
100
50
10
5
1.0
2.0
4.0
3.0
0
20
40
60
80
100
Number of cycle
ITSM Ratings
1
5
10
50
100
Gate current
iGF (A)
01
2
3
0
2
4
6
8
10
12
Gate Characteristics
See graph at the upper right
Gate trigger current IGT (mA)
0
0
1
2
10
20
30
0
0
1
2
4
5
6
3
12
3
4
5
50Hz Half-cycle sinewave
θ: Conduction angle
180
°
0
°
0
0
25
50
100
75
150
125
5
4
3
2
1
Average on-state current IT(AV) (A)
θ
180
°
0
°
0.5 1
10
102
103
104
Pulse width
t w (
µs)
0.05
0.1
1
30
10
Pulse trigger temperature
Characteristics
vgt (Typical)
Pulse trigger temperature
Characteristics
igt (Typical)
TC=– 40
°C
25
°C
75
°C
125
°C
vgt
tw
50%
igt
tw
50%
0.5 1
10
102
103
104
Pulse width
t w (
µs)
0.05
0.1
10
1
30
25
°C
75
°C
125
°C
–40
0
25
50
75
100
125
0
5
10
15
(RGK=1k
Ω)
Junction temperature Tj (
°C)
IH temperature Characteristics
(Typical)
0
1
2
3
5
4
6
–40
0
50
75
100
25
125
0.8
0.6
0.4
0
0.2
1.0
Junction temperature Tj (
°C)
–40
0
50
75
100
25
125
Junction temperature Tj (
°C)
VGT temperature Characteristics
(Typical)
IGT temperature Characteristics
(Typical)
110
102
103
104
t, Time (ms)
0.1
1
10
Transient thermal resistance
Characteristics (Junction to case)
1cycle
10 ms
ITSM
Tj=125
°C
Tj =125
°C
Tj = 25
°C
On-state voltage
vT (V)
vT – iT Characteristics (max)
Average on-state current IT(AV) (A)
IT(AV) –PT(AV) Characteristics
IT(AV) – Tc Ratings
7
(VD=6V, RL=10
Ω)
(VD=6V, RL=10
Ω)
TF321M / TF341M / TF361M
θ
–20
°C
TC=– 40
°C
–20
°C
Initial junction temperature
50Hz Half-cycle sinewave
θ: Conduction angle



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com