Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR7102 Datasheet(PDF) 2 Page - Sanken electric

Part # STR7102
Description  Separate Excitation Switching Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR7102 Datasheet(HTML) 2 Page - Sanken electric

  STR7102 Datasheet HTML 1Page - Sanken electric STR7102 Datasheet HTML 2Page - Sanken electric STR7102 Datasheet HTML 3Page - Sanken electric STR7102 Datasheet HTML 4Page - Sanken electric STR7102 Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
87
qSTR7000+SI-8020 Series
sElectrical Characteristics: 6A Type
(Ta=25
°C)
Unit
V
V
%
kHZ
mV
mV
dB
A
A
sElectrical Characteristics: 12A Type
(Ta=25
°C)
Unit
V
V
%
kHZ
mV
mV
dB
A
A
Symbol
VIN
VO
Conditions
η
Conditions
f
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
RREJ
Conditions
IS1
IS2
Conditions
Parameter
DC Input Voltage Range
Output Voltage
Efficiency
Switching Frequency
Line Regulation
Load Regulation
Ripple Rejection
Overcurrent Protection Starting Current
Limited Current at Overcurrent
Protection Operation
Parameter
DC Input Voltage Range
Output Voltage
Efficiency
Switching Frequency
Line Regulation
Load Regulation
Ripple Rejection
Overcurrent Protection Starting Current
Limited Current at Overcurrent
Protection Operation
Ratings
STR7101+SI-8020
STR7102+SI-8021
STR7102+SI-8022
STR7103+SI-8023
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
11
40
18
50
21
50
30
50
5.0
5.1
5.2
11.8
12.0
12.2
14.8
15.0
15.2
23.7
24.0
24.3
VIN=20V, IO=6.0A
VIN=27V, IO=6.0A
VIN=30V, IO=6.0A
VIN=40V, IO=6.0A
70
82
84
87
VIN=20V, IO=6.0A
VIN=27V, IO=6.0A
VIN=30V, IO=6.0A
VIN=40V, IO=6.0A
35
35
35
35
VIN=20V, IO=6.0A
VIN=27V, IO=6.0A
VIN=30V, IO=6.0A
VIN=40V, IO=6.0A
80
120
150
200
VIN=15 to 25V, IO=6.0A
VIN=22 to 32V, IO=6.0A
VIN=25 to 35V, IO=6.0A
VIN=35 to 45V, IO=6.0A
30
40
40
50
VIN=20V, IO=3 to 9A
VIN=27V, IO=3 to 9A
VIN=30V, IO=3 to 9A
VIN=40V, IO=3 to 9A
45
45
45
45
f=100 to 120HZ
f=100 to 120HZ
f=100 to 120HZ
f=100 to 120HZ
12
15
12
15
12
15
12
15
12
15
12
15
12
15
12
15
RS=0.01
Ω
RS=0.01
Ω
RS=0.01
Ω
RS=0.01
Ω
Ratings
STR7001+SI-8020
STR7002+SI-8021
STR7002+SI-8022
STR7003+SI-8023
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
11
40
18
50
21
50
30
50
5.0
5.1
5.2
11.8
12.0
12.2
14.8
15.0
15.2
23.7
24.0
24.3
VIN=20V, IO=3.0A
VIN=27V, IO=3.0A
VIN=30V, IO=3.0A
VIN=40V, IO=3.0A
72
84
86
90
VIN=20V, IO=3.0A
VIN=27V, IO=3.0A
VIN=30V, IO=3.0A
VIN=40V, IO=3.0A
35
35
35
35
VIN=20V, IO=3.0A
VIN=27V, IO=3.0A
VIN=30V, IO=3.0A
VIN=40V, IO=3.0A
80
120
150
200
VIN=15 to 25V, IO=3.0A
VIN=22 to 32V, IO=3.0A
VIN=25 to 35V, IO=3.0A
VIN=35 to 45V, IO=3.0A
30
40
40
50
VIN=20V, IO=1 to 5A
VIN=27V, IO=1 to 5A
VIN=30V, IO=1 to 5A
VIN=40V, IO=1 to 5A
45
45
45
45
f=100 to 120HZ
f=100 to 120HZ
f=100 to 120HZ
f=100 to 120HZ
6.0
7.5
6.0
7.5
6.0
7.5
6.0
7.5
6.0
7.5
6.0
7.5
6.0
7.5
6.0
7.5
RS=0.02
Ω
RS=0.02
Ω
RS=0.02
Ω
RS=0.02
Ω
Symbol
VIN
VO
Conditions
η
Conditions
f
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
RREJ
Conditions
IS1
IS2
Conditions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com