Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR7101 Datasheet(PDF) 5 Page - Sanken electric

Part # STR7101
Description  Separate Excitation Switching Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR7101 Datasheet(HTML) 5 Page - Sanken electric

  STR7101 Datasheet HTML 1Page - Sanken electric STR7101 Datasheet HTML 2Page - Sanken electric STR7101 Datasheet HTML 3Page - Sanken electric STR7101 Datasheet HTML 4Page - Sanken electric STR7101 Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
90
sTypical Characteristics
STR7001+SI-8020(5V)
STR7002+SI-8021(12V)
STR7003+SI-8023(24V)
Rise Characteristics
Rise Characteristics
Rise Characteristics
Efficiency Characteristics
Efficiency Characteristics
Efficiency Characteristics
0
10
8
6
4
2
0
2
4
6
8
10
12
14
16
18
20
Input Voltage VIN (V)
100
90
80
70
60
50
40
30
0
01234567
Output Current IO (A)
VIN=11V
20V
30V
40V
0
5
10
15
20
25
30
35
40
45
20
15
10
5
0
Input Voltage VIN (V)
3A
100
90
80
70
60
50
40
0
01
2
3
4
5
6
7
VIN=18V
30V
40V
50V
Output Current IO (A)
0
5
10
15
20
25
30
35
40
45
Input Voltage VIN (V)
3A
30
25
20
15
10
5
0
100
90
80
70
60
50
40
0
0
1
23
45
6
7
VIN=30V
40V
50V
Output Current IO (A)
015
510
20
25
30
45
40
35
30
25
20
15
10
5
0
Input Voltage VIN (V)
06
24
8
10
12
14
100
90
80
70
60
50
0
Output Current IO (A)
VIN=30V
40V
50V
STR7101+SI-8020(5V)
STR7102+SI-8021(12V)
STR7103+SI-8023(24V)
Rise Characteristics
Rise Characteristics
Rise Characteristics
Efficiency Characteristics
Efficiency Characteristics
Efficiency Characteristics
02468
10
12
14
16
18
20
10
8
6
4
2
0
Input Voltage VIN (V)
6 A
06
24
8
10
12
14
100
90
80
70
60
50
40
30
0
Output Current IO (A)
VIN=11V
20V
30V
40V
020
510
15
25
30
35
45
40
20
15
10
5
0
Input Voltage VIN (V)
6 A
06
24
8
10
12
14
100
90
80
70
60
50
40
0
Output Current IO (A)
VIN=18V
30V
40V
50V
(Ta=25
°C)
qSTR7000+SI-8020 Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com