Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0879110407 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0879110407
Description  2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, 4 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray Packaging, Lead-free
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0879110407 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0879110407 Datasheet HTML 1Page - Molex Electronics Ltd. 0879110407 Datasheet HTML 2Page - Molex Electronics Ltd. 0879110407 Datasheet HTML 3Page - Molex Electronics Ltd. 0879110407 Datasheet HTML 4Page - Molex Electronics Ltd. 0879110407 Datasheet HTML 5Page - Molex Electronics Ltd. 0879110407 Datasheet HTML 6Page - Molex Electronics Ltd. 0879110407 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0879110407
Status:
Active
Overview:
cgrid__sl_products
Description:
2.54mm (.100") Pitch C-Grid® Header, Right Angle, Through Hole, 4 Circuits, 0.38µm
(15µ") Gold (Au) Selective Plating, Tray Packaging, Lead-free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-87920-019 (PDF)
Agency Certification
UL
E29179
General
Product Family
PCB Headers
Series
87911
Application
Board-to-Board, Wire-to-Board
Overview
cgrid__sl_products
Product Name
C-Grid®
Physical
Breakaway
Yes
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Black
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.110 In
PC Tail Length (mm)
2.79 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87911Series
Mates With
7859 Shunts, C-Grid® PCB Receptacles like
71850, SL™ IDT Housing like 70450


Similar Part No. - 0879110407

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879110411 MOLEX10-0879110411 Datasheet
372Kb / 6P
2.54mm (.100") Pitch C-Grid짰 Header, Right Angle, Through Hole, 4 Circuits, 0.38關m Gold (Au) Selective Plating, Tube Packaging, Lead-free
More results

Similar Description - 0879110407

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879114011 MOLEX10-0879114011 Datasheet
372Kb / 6P
2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, 40 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tube Packaging, Lead-free
0879117411 MOLEX10-0879117411 Datasheet
372Kb / 6P
2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, 74 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tube Packaging, Lead-free
0879116211 MOLEX10-0879116211 Datasheet
372Kb / 6P
2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, 62 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tube Packaging, Lead-free
0879115611 MOLEX10-0879115611 Datasheet
372Kb / 6P
2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, 56 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tube Packaging, Lead-free
0879113411 MOLEX10-0879113411 Datasheet
372Kb / 6P
2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, 34 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tube Packaging, Lead-free
0879115011 MOLEX10-0879115011 Datasheet
372Kb / 6P
2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, 50 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tube Packaging, Lead-free
0879112811 MOLEX10-0879112811 Datasheet
372Kb / 6P
2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, 28 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tube Packaging, Lead-free
0879111811 MOLEX10-0879111811 Datasheet
372Kb / 6P
2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, 18 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tube Packaging, Lead-free
0879116811 MOLEX10-0879116811 Datasheet
372Kb / 6P
2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, 68 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tube Packaging, Lead-free
0879117811 MOLEX10-0879117811 Datasheet
372Kb / 6P
2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, 78 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tube Packaging, Lead-free
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com