Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4613 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC4613
Description  160V/700mA Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4613 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC4613 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4613 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4613 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4613 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - 2SC4613

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC461 HITACHI-2SC461 Datasheet
51Kb / 13P
Silicon NPN Epitaxial Planar
logo
Renesas Technology Corp
2SC461 RENESAS-2SC461 Datasheet
196Kb / 9P
Silicon NPN Epitaxial Planar
logo
List of Unclassifed Man...
2SC461 ETC1-2SC461 Datasheet
192Kb / 3P
TRANSISTOR
logo
Sanyo Semicon Device
2SC4612 SANYO-2SC4612 Datasheet
120Kb / 4P
High-Voltage Switching Applications
2SC4614 SANYO-2SC4614 Datasheet
116Kb / 4P
High-Voltage Switching Applications
More results

Similar Description - 2SC4613

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1209 SANYO-2SA1209 Datasheet
104Kb / 4P
160V/140mA High-Voltage Switching AF 100W Predriver Applications
2SA1248 SANYO-2SA1248 Datasheet
103Kb / 3P
160V/700mA Switching Applications
2SA1249 SANYO-2SA1249 Datasheet
96Kb / 3P
160V/1.5A Switching Applications
2SA1477 SANYO-2SA1477 Datasheet
119Kb / 4P
160V/140mA Switching Applications
2SA1507 SANYO-2SA1507 Datasheet
130Kb / 4P
160V/1.5A Switching Applications
2SA1209 SANYO-2SA1209_02 Datasheet
46Kb / 5P
160V/140mA High-Voltage Switching and AF 100W Predriver Applications
2SA1507 SANYO-2SA1507_10 Datasheet
66Kb / 5P
160V / 1.5A Switching Applications
SBT100-16JS SANYO-SBT100-16JS Datasheet
74Kb / 3P
160V, 10A Rectifier
2SA1507 SANYO-2SA1507_12 Datasheet
437Kb / 7P
160V / 1.5A Switching Applications
logo
Maxwell Technologies
BMOD0006_1312 MAXWELL-BMOD0006_1312 Datasheet
1Mb / 4P
160V MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com